Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 10 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments REG710 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
V
IN
Enable
V
OUT
GND
REG710
C
IN
2.2mF
C
OUT
2.2mF
C
PUMP
0.22mF
4
6
3
5
1
2
REG71050, REG71055, REG710
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The REG710 is a switched capacitor voltage converter that produces a regulated, low-ripple output voltage from
an unregulated input voltage range from 1.8 V to 5.5 V. The high switching frequency allows the use of small
surface-mount capacitors. The following section gives guidance to choose external components to complete the
power supply design. Application curves are included for the typical application shown below.
9.2 Typical Applications
Figure 7. Typical Operating Circuit
9.2.1 Design Requirements
The REG710 family of switched capacitor voltage converters offers a variety of regulated fixed output voltages.
This family supports unregulated input voltages which can have values that are lower or higher than the
regulated output voltage. Only input and output capacitors as well as a pump capacitor are required to have a
fully functional converter. The following design procedure is adequate for the whole VIN, VOUT and load current
range of REG710.
9.2.2 Detailed Design Procedure
9.2.2.1 Capacitor Selection
For minimum output voltage ripple, the output capacitor COUT should be a ceramic, surface-mount type. Tantalum
capacitors generally have a higher effective series resistance (ESR) and may contribute to higher output voltage
ripple. Leaded capacitors also increase ripple due to the higher inductance of the package itself. To achieve best
operation with low input voltage and high load current, the input and pump capacitors (CIN and CPUMP,
respectively) should also be surface-mount ceramic types. In all cases, X7R or X5R dielectric are recommended.
See the typical operating circuit shown in Figure 7 for component values.
With light loads or higher input voltage, a smaller 0.1-
μF pump capacitor (CPUMP) and smaller 1-μF input and
output capacitors (CIN and COUT, respectively) can be used. To minimize output voltage ripple, increase the
output capacitor, COUT, to 10 μF or larger.
The capacitors listed in Table 2 can be used with the REG710. This table is only a representative list of
compatible parts.
10
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com