Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # BPR
Description  Power type current detecting resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

BPR Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  BPR Datasheet HTML 1Page - KOA Speer Electronics, Inc. BPR Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PerformanceCharacteristics
Parameter
Requirement∆R%
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C (Measurement position: 10mm under from the case)
+25°C/-55°C and +25°C/+125°C
(Application range: the straight style of 0.018Ω over)
Within regulated
tolerance
Within specified
T.C.R.
—
—
Overload (Short time)
Rated power x 2.5 for 5 seconds (Application range: 0.05Ω & over)
±2.0%
±1.0%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±2.0%
±1.0%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±3.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±3.0%
High Temperature Exposure
+125°C, 100 hours
±3.0%
±2.0%
Resistance to Solvent
After immersing the sample in I.P.A for 60 seconds ± 10 seconds,
the resistor surface should be rubbed with absorbent cotton 10 times
No evidence of damage
to protective coating
and marking
—
environmental applications
BPR
rectangular type metal plate resistors
K:±10%
(E12)
ResistanceRange
J:±5%
(E12)
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
BPR26
BPR28
2W
2W
±350*
0.01Ω
0.1Ω - 0.68Ω
+70°C
0.01Ω - 0.68Ω
-40°C to +200°C
BPR38
3W
BPR58
5W
BPR108
10W
BPR55
5W+5W
BPR77
7W+7W
0.01Ω - 1.0Ω
0.01Ω, 0.1Ω - 1.0Ω
0.05Ω, 0.1Ω - 1.0Ω
–––
0.05Ω, 0.1Ω
0.22Ω - 0.47Ω
0.03Ω - 0.47Ω
Resistance
J:±5%
26,28
standard resistance
0.01
0.012 H
0.015
0.02*
0.022
0.027
0.03*
0.033
0.039
K:±10% J:±5% K:±10%
38
J:±5%
58
K:±10% J:±5% K:±10%
108
J:±5%
55
K:±10% J:±5% K:±10%
77
H
H
H
H
H
H
H
H
H
HH
H
H
H
H
H
H
H
H
HH
H
H
H
H
H
H
H
H
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
H
––
––
––
––
––
––
0.04*
0.047
0.05*
0.068
0.082
0.1
H
0.12
H
0.15
H
0.18
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
0.22
0.27
H
H
0.33
H
0.39
H
0.47
H
0.56
H
0.68
H
0.82
1.00
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
––
––
––
H
H
H
H
H
––
––
––
H
H
––
––
––
H
H
––
––
––
H
: Available
Blank : Please consult
–– : Not available
* Non standard E-12 Decade Value
H
H
H
H
H
H
167
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/18/12
* Application range: The straight style of 0.018Ω or over



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com