Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # BPR
Description  Power type current detecting resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

BPR Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  BPR Datasheet HTML 1Page - KOA Speer Electronics, Inc. BPR Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
166
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/30/14
BPR
rectangular type metal plate resistors
features
• Power type current detecting resistors
• Flame retardant resistors in ceramic case
• Automatic insertion for a 5mm pitch between
terminals is applicable (26 type, 58 type)
• Low inductance
• Space saving
• Marking: Alpha/numeric marking
• Products with lead-free terminations
meet EU RoHS requirements
J: ±5%
K: ±10%
C: SnCu
2 significant figures
+1 multiplier. “R”
indicates decimal
on value <10Ω.
All values less than
0.1Ω are expressed
in mΩ with “L” as
decimal.
Ex: 20mΩ - 20L
2: 2W
3: 3W
5: 5W
10: 10W
55: 5W+5W
77: 7W+7W
Blank: Straight lead
(9.0mm pitch)
F: Forming
(9.0mm pitch)
FT: Radial taping
(BPR26FT,
BPR58FT only,
5.0mm pitch)
BPR
Type
Power
Rating
Nominal
Resistance
Tolerance
Termination
Material
Packaging
NewPart#
5
F
R10
J
C
For further information on
packaging, please refer to
Appendix C.
dimensions and construction
Size
Code
.335±.04
(8.5±1.0)
.335±.04
(8.5±1.0)
.354±.04
(9.0±1.0)
.354±.04
(9.0±1.0)
.157±.04
(4.0±1.0)
.157±.04
(4.0±1.0)
.031±.04
(0.8±1.0)
.024±.04
(0.6±1.0)
.512±.04
(13.0±1.0)
.512±.04
(13.0±1.0)
BPR26
BPR28
P
d
C
B
A
Dimensionsinches(mm)
B
P
d
13
±
1mm
A
C
B
P
d
8
±
1mm
A
C
5
±
1mm
B
Ceramic
Case Cement
ResistiveElement
LeadWire
Ceramic
Case Cement
ResistiveElement
LeadWire
C
6: ø0.6mm
8: ø0.8mm
8: ø0.8mm
Blank
LeadWire
Diameter
8
.512±.04
(13.0±1.0)
.354±.04
(9.0±1.0)
.031±.04
(0.8±1.0)
.551±.04
(14.0±1.0)
BPR38
.709±.04
(18.0±1.0)
.354±.04
(9.0±1.0)
.031±.04
(0.8±1.0)
.551±.04
(14.0±1.0)
BPR58
.669±.06
(17.0±1.5)
.787±.04
(20.0±1.0)
.197±.04
(5.0±1.0)
.031±.04
(0.8±1.0)
1.02±.06
(26.0±1.5)
BPR108
.669±.06
(17.0±1.5)
.394±.04
(10.0±1.0)
.031±.04
(0.8±1.0)
1.02±.06
(26.0±1.5)
BPR55
.787±.07
(20.0±1.8)
.394±.04
(10.0±1.0)
.031±.04
(0.8±1.0)
1.02±.06
(26.0±1.5)
BPR77
SingleStraightStyle
SingleFormingStyle
B
P
8
±
1mm
A
C
5
±
1mm
d
P
Ceramic
Case
Cement
ResistiveElement
LeadWire
TwinStyle
ordering information
EU
DeratingCurve
100
80
60
40
20
-40
040
80
70
Ambient Temperature
(°C)
0
120
235
160
200
240
For resistors
operated at an ambient
temperature of 70°C or
above, a power rating
shall be derated in
accordance with the
above derating curve.


Similar Part No. - BPR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
TT Electronics.
BPR TTELEC-BPR Datasheet
449Kb / 2P
Thin package for high density PCB installation
logo
IDEM Safety Switches
BPR IDEM-SAFETY-BPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Multicomp Pro
BPR-1000 MULTICOMP-BPR-1000 Datasheet
164Kb / 1P
Cable Tie Kit
25/08/22 V1.0
BPR-1001 MULTICOMP-BPR-1001 Datasheet
164Kb / 1P
Cable Tie Kit
25/08/22 V1.0
More results

Similar Description - BPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCA0207 VISHAY-HCA0207 Datasheet
108Kb / 2P
Carbon Film Resistors, Power Type
02-Aug-02
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
Current Detecting Chip Resistors
logo
Token Electronics Indus...
CS01 TOKEN-CS01 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
DOE1500W1R3KF TOKEN-DOE1500W1R3KF Datasheet
315Kb / 3P
DOE High Current Power Resistors
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
Current Detecting Plate Chip Resistor
logo
KOA Speer Electronics, ...
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
coat-insulated fusing resistors (constant current fusing type)
logo
Caddock Electronics, In...
SR10 CADDOCK-SR10 Datasheet
427Kb / 1P
Type SR Precision Current Sense Resistors
SR10 CADDOCK-SR10_17 Datasheet
355Kb / 1P
Type SR Precision Current Sense Resistors
MS126 CADDOCK-MS126 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Vishay Siliconix
WFP VISHAY-WFP Datasheet
106Kb / 4P
Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power
26-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com