Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR Datasheet (PDF) - KOA Speer Electronics, Inc.

Part # BPR
Description  Power type current detecting resistors
File Size   378.61 Kbytes
Html View  1   2 
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

BPR Datasheet (PDF) - KOA Speer Electronics, Inc.



Similar Part No. - BPR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
TT Electronics.
BPR TTELEC-BPR Datasheet
449Kb / 2P
Thin package for high density PCB installation
logo
IDEM Safety Switches
BPR IDEM-SAFETY-BPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Multicomp Pro
BPR-1000 MULTICOMP-BPR-1000 Datasheet
164Kb / 1P
Cable Tie Kit
25/08/22 V1.0
BPR-1001 MULTICOMP-BPR-1001 Datasheet
164Kb / 1P
Cable Tie Kit
25/08/22 V1.0
More results


Similar Description - BPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCA0207 VISHAY-HCA0207 Datasheet
108Kb / 2P
Carbon Film Resistors, Power Type
02-Aug-02
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
Current Detecting Chip Resistors
logo
Token Electronics Indus...
CS01 TOKEN-CS01 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
DOE1500W1R3KF TOKEN-DOE1500W1R3KF Datasheet
315Kb / 3P
DOE High Current Power Resistors
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
Current Detecting Plate Chip Resistor
logo
KOA Speer Electronics, ...
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
coat-insulated fusing resistors (constant current fusing type)
logo
Caddock Electronics, In...
SR10 CADDOCK-SR10 Datasheet
427Kb / 1P
Type SR Precision Current Sense Resistors
SR10 CADDOCK-SR10_17 Datasheet
355Kb / 1P
Type SR Precision Current Sense Resistors
MS126 CADDOCK-MS126 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Vishay Siliconix
WFP VISHAY-WFP Datasheet
106Kb / 4P
Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power
26-Jan-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com