Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SHT20P
Description  DFN type package ??reflow solderable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SHT20P Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Datasheet SHT20P
www.sensirion.com
Version 4 – May 2014
7/10
6 Environmental Stability
The SHT2x sensor series were tested based on AEC-
Q100 Rev. G qualification test method where applicable.
Sensor specifications are tested to prevail under the AEC-
Q100 temperature grade 1 test conditions listed in Table
912. Sensor performance under other test conditions
cannot be guaranteed and is not part of the sensor
specifications. Especially, no guarantee can be given for
sensor performance in the field or for customer’s specific
application.
Environment Standard
Results13
HTOL
125°C, 408 hours
Pass
TC
-50°C - 125°C, 1000 cycles
Pass
UHST
130°C / 85%RH / ≈2.3bar, 96h
Pass
THB
85°C / 85%RH, 1000h
Pass
HTSL
150°C, 1000h
Pass
ELFR
125°C, 48h
Pass
ESD immunity HBM 4kV, MM 200V, CDM
750V/500V (corner/other pins)
Pass
Latch-up
force current of ±100mA with Tamb
= 125°C
Pass
Table 5: Qualification tests: HTOL = High Temperature
Operating Lifetime, TC = Temperature Cycles, UHST =
Unbiased Highly accelerated Stress Test, THB = Temperature
Humidity Biased, HTSL = High Temperature Storage Lifetime,
ELFR = Early Life Failure Rate. For details on ESD see Sect.
4.1.
If sensors are qualified for reliability and behavior in
extreme conditions, please make sure that they
experience same conditions as the reference sensor. It
should be taken into account that response times in
assemblies may be longer, hence enough dwell time for
the measurement shall be granted. For detailed
information please consult Application Note “Qualification
Guide”.
7 Packaging
7.1
Packaging Type
SHT2x sensors are provided in DFN packaging (in
analogy with QFN packaging). DFN stands for Dual Flat
No leads.
The sensor chip is mounted to a lead frame made of Cu
and plated with Ni/Pd/Au. Chip and lead frame are over
molded by green epoxy-based mold compound. Please
note that side walls of sensors are diced and hence lead
12 Sensor operation temperature range is -40 to 125°C (AEC-Q100 temperature
grade 1).
13 According to accuracy and long term drift specification given on Page 2.
frame at diced edge is not covered with respective
protective coating. The total weight of the sensor is 25mg.
7.2
Filter Cap and Sockets
For SHT2x a filter cap SF2 is available. It is designed for
fast response times and compact size. Please find the
datasheet on Sensirion’s web page.
For testing of SHT2x sensors sockets, such as from
Plastronics,
part
number
10LQ50S13030
are
recommended (see e.g. www.locknest.com).
7.3
Traceability Information
All SHT20 are laser marked with an alphanumeric, five-
digit code on the sensor – see Figure 11.
Figure 11 Laser marking on sensor. For details see text.
The marking on the sensor consists of two lines with five
digits each. The first line denotes the sensor type
(SHT20). The first digit of the second line defines the
output mode (D = digital, Sensibus and I2C, P = PWM, S =
SDM). The second digit defines the manufacturing year (0
= 2010, 1 = 2011, etc.). The last three digits eventually
represent an alphanumeric tracking code. That code can
be decoded by Sensirion only and allows for tracking on
batch level through production, calibration and testing –
and will be provided upon justified request.
Reels are also labeled, as displayed in Figure 12 and
Figure 13, and give additional traceability information.
Figure 12: First label on reel: XX = Sensor Type (20 for SHT20),
O = Output mode (D = Digital, P = PWM, S = SDM), NN =
product revision no., Y = last digit of year, RRR = number of
sensors on reel divided by 10 (200 for 2000 units), TTTTT =
Traceability Code.
SHT20
P0AC4
Lot No.:
XXO-NN-YRRRTTTTT
Quantity:
RRRR
RoHS:
Compliant
Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com