Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20P Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SHT20P
Description  DFN type package ??reflow solderable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20P Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SHT20P Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Datasheet SHT20P
www.sensirion.com
Version 4 – May 2014
8/10
Figure 13: Second label on reel: For Device Type and Part
Order Number (See Packaging Information on page 2), Delivery
Date (also Date Code) is date of packaging of sensors (DD =
day, MM = month, YYYY = year), CCCC = Sensirion order
number.
7.4
Shipping Package
SHT2x are provided in tape & reel shipment packaging,
sealed into antistatic ESD bags. For SHT20P standard
packaging sizes are 1500 and 5000 units per reel. Each
reel contains 440mm (55 pockets) header tape and
200mm (25 pockets) trailer tape.
The drawing of the packaging tapes with sensor
orientation is shown in Figure 13. The reels are provided in
sealed antistatic bags.
Figure 14 Sketch of packaging tape and sensor orientation.
Header tape is to the right and trailer tape to the left on this
sketch.
Device Type:
1-100PPP-NN
Description:
Humidity & Temperature Sensor
SHTxx
Part Order No.
1-100PPP-NN or Customer Number
Date of Delivery: DD.MM.YYYY
Order Code:
46CCCC / 0
8.0
2.0
4.0
0.3
1.3
R0.3 MAX
R0.25
Ø1.5 MIN
Ø1.5 MIN
3.3
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com