Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT20P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT20P
Description  DFN type package ??reflow solderable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT20P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT20P Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT20P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.sensirion.com
Version 4 – May 2014
1/10
Datasheet SHT20P
Humidity and Temperature Sensor IC
Fully calibrated
Analog output, PWM interface
Low power consumption
Excellent long term stability
DFN type package – reflow solderable
Dimensions
Figure 1: Drawing of SHT20P sensor package, dimensions
are given in mm (1mm = 0.039inch), tolerances are ±0.1mm.
The die pad (center pad) is internally connected to VSS. The NC
pads must be left floating. Numbering of E/O pads starts at lower
right corner (indicated by notch in die pad) and goes clockwise
(compare Table 2).
Sensor Chip
SHT20P features a generation 4C CMOSens® chip.
Besides the capacitive relative humidity sensor and the
band gap temperature sensor, the chip contains an
amplifier, A/D converter, OTP memory and a digital
processing unit.
Material Contents
While the sensor itself is made of Silicon the sensors’
housing consists of a plated Cu lead-frame and green
epoxy-based mold compound. The device is free of Pb, Cd
and Hg – hence it is fully RoHS and WEEE compliant.
Additional Information
Additional information such as Application Notes is
available from the web page www.sensirion.com/SHT20 .
For more information please contact Sensirion via
info@sensirion.com.
1.0
1.0
2.4
0.3
0.4
1.1
SCL
SDA
NC
NC
VSS
VDD
Bottom
View
3.0
2.2
1.4 max
0.3 typ
Product Summary
The SHT20P humidity and temperature sensor of
Sensirion has become an industry standard in terms of
form factor and intelligence: Embedded in a reflow
solderable Dual Flat No leads (DFN) package of 3 x 3mm
foot print and 1.1mm height it provides calibrated,
linearized sensor signals in analog Pulse Width
Modulated (PWM) format.
The SHT2x sensors contain a capacitive type humidity
sensor, a band gap temperature sensor and specialized
analog and digital integrated circuit – all on a single
CMOSens® chip. This yields in an unmatched sensor
performance in terms of accuracy and stability as well as
minimal power consumption.
The PWM signal runs on a base frequency of 120Hz, the
data signal is provided on SDA line. Pulling SCL high or
low allows for switching between humidity and
temperature, respectively. The sensor measures twice per
second. The PWM signal may be converted to an analog
ratiometric interface by adding a low pass filter.
Every sensor is individually calibrated and tested. Lot
identification is printed on the sensor.
With this set of features and the proven reliability and
long-term stability, the SHT2x sensors offer an
outstanding performance-to-price ratio. For testing SHT2x
two evaluation kits EK-H4 and EK-H5 are available.


Similar Part No. - SHT20P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT20 ETC2-SHT20 Datasheet
586Kb / 14P
DFN type package ??reflow solderable
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
Humidity and Temperature Sensor IC
More results

Similar Description - SHT20P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT1X ETC2-SHT1X_15 Datasheet
355Kb / 12P
SMD type package ??reflow solderable
SHT20 ETC2-SHT20 Datasheet
586Kb / 14P
DFN type package ??reflow solderable
logo
Suntan Capacitors
TSL-0603UB000MTH SUNTAN-TSL-0603UB000MTH Datasheet
477Kb / 3P
Reflow Solderable
TSL-0603UG000MTH SUNTAN-TSL-0603UG000MTH Datasheet
478Kb / 3P
Reflow Solderable
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
Reflow Solderable
TSL-0805UG000MTH SUNTAN-TSL-0805UG000MTH Datasheet
390Kb / 3P
Reflow Solderable
TSL-0805UR000MTH SUNTAN-TSL-0805UR000MTH Datasheet
390Kb / 3P
Reflow Solderable
TSL-0805UW000MTH SUNTAN-TSL-0805UW000MTH Datasheet
397Kb / 3P
Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
Reflow Solderable
TSL-1206UYG00MTH SUNTAN-TSL-1206UYG00MTH Datasheet
447Kb / 3P
Reflow Solderable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com