Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSC1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STSC1
Description  High Accuracy Digital Temperature Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STSC1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STSC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.sensirion.com
Version 1 – May 2014
1/13
1 Temperature Sensor Specifications
Parameter
Conditions
Value
Units
Accuracy tolerance1
Typ.
0.3
°C
Max.
see Figure 2
°C
Repeatability2
-
0.1
°C
Resolution3
-
0.01
°C
Specified range4
-
–40 to +125
°C
Response time5
 63%
<5 to 30
s
Long-term drift6
Typ.
< 0.02
°C/y
Table 1 Temperature sensor specifications.
Figure 2 Typical and maximal accuracy for temperature sensor in °C.
1 For definition of typ. and max. accuracy tolerance, please refer to the document “Sensirion Humidity Sensor Specification Statement”.
2 The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurement values at constant conditions and is a measure for the noise on the
physical sensor output.
3 Resolution of A/D converter.
4 Specified range refers to the range for which the temperature sensor specification is guaranteed.
5 Temperature response time depends on heat conductivity of sensor substrate and design-in of sensor in application.
6 Max. value is < 0.04°C/y.
±0
±0.5
±1
±1.5
±2
-40
-20
0
20
40
60
80
100
120
ΔT [
C]
Temperature [°C]
Maximum accuracy
Typical accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com