Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSC1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STSC1
Description  High Accuracy Digital Temperature Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STSC1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STSC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 10Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 11Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.sensirion.com
Version 1 – May 2014
7/13
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
S
P
1 0 0 1 0 1 0 0
1 0 0 0 0 0 0 0
0 1 0 1 1 1 0 1
I2C address + write
Command MSB
Command LSB
Figure 6 Command access communication sequence. The example shows a soft reset command. Clear blocks are controlled by the
microcontroller, grey blocks by the STSC1.
7 Quality
7.1 Environmental Stability
Qualification of the STSC1 is performed based on the
JEDEC JESD47 qualification test method.
7.2 Material Contents
The device is fully RoHS and WEEE compliant, e.g. free of
Pb, Cd, and Hg.
8 Packaging and Traceability
STSC1 sensors are provided in a DFN package with an
outline of 2 × 2 × 0.7 mm3 and a terminal pitch of 1 mm.
DFN stands for dual flat no leads.
The sensor chip is made of silicon and is mounted to a
lead frame. The latter is made of Cu plated with Ni/Pd/Au.
Chip and lead frame are overmolded by a green epoxy-
based mold compound. Please note that the side walls of
sensor are diced and therefore these diced lead frame
surfaces are not covered with the respective plating.
The Moisture Sensitivity Level classification of the STSC1
is MSL1, according to IPC/JEDEC J-STD-020.
All STSC1 sensors are laser marked for easy identification
and traceability. The marking on the sensor consists of two
lines and a pin-1 indicator. The top line contains the
sensor type (STSC1), the bottom line contains a 5-digit,
alphanumeric tracking code. The pin-1 indicator is located
in the top left corner. See Figure 7
for illustration.
Figure 7 Laser marking on STSC1, the top line with the pin-1
indicator and the sensor type, the bottom line with the 5-digit
alphanumeric tracking code.
Reels are also labeled and provide additional traceability
information.
9 Ordering Information
The STSC1 can be ordered in tape and reel packaging
with different sizes. The reels are sealed into antistatic
ESD bags. A drawing of the packaging tape with sensor
orientation is shown in Figure 10.
Quantity Packaging
Reel Diameter
Order Number
1’000
Tape & Reel 180 mm (7 inch) 1-101118-01
10’000
Tape & Reel 330 mm (13 inch) 1-101085-01
Table 13 STSC1 ordering options.
STSC1
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com