Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSC1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STSC1
Description  High Accuracy Digital Temperature Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STSC1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STSC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.sensirion.com
Version 1 – May 2014
0/4
Data Sheet STSC1
High Accuracy Digital Temperature Sensor IC
Accurate:
±0.3°C typ. accuracy
Small:
DFN package, 2 × 2 × 0.7 mm
Easy-to-use: fully calibrated, linearized I2C output
Low-power:
8.6 µW average power consumption
Fast:
Power-up and measurement within 1 ms
Benefits of Sensirion’s CMOSens® Technology
High reliability and long-term stability
Sensor system on a single chip
Designed for mass production
Optimized for lowest cost
Low signal noise
Contents of this Data Sheet
1
Temperature Sensor Specifications.................................. 1
2
Electrical Specifications .................................................... 2
4
Timing Specifications ........................................................ 3
5
Interface Specifications..................................................... 4
6
Operation and Communication ......................................... 4
7
Quality............................................................................... 7
8
Packaging and Traceability............................................... 7
9
Ordering Information ......................................................... 7
10
Technical Drawings........................................................... 8
11
Further Information.......................................................... 10
Block Diagram
Figure 1 Functional block diagram of the STSC1.
T sensor
Signal conditioning
ADC
I2C interface
Calibration mem.
VDD
VSS
SDA
SCL
Data processing and system control
analog
digital
Product Summary
The STSC1 is a digital temperature sensor designed
especially for applications requiring a highly accurate
temperature measurement.
Sensirion’s CMOSens®
technology offers a complete sensor system on a single
chip, consisting of a bandgap temperature sensor, analog
and digital signal processing, A/D converter, calibration
data memory, and a digital communication interface
supporting I2C fast mode.
The ultra-small, 2 × 2 × 0.7 mm3 DFN package enables
applications in even the most limited of spaces. The
sensor covers a temperature measurement range of –40
to 125 °C. The typical accuracy of the temperature
sensor is ±0.3°C. The operation voltage of 1.8 V and an
average power consumption below 8.6µW make the
STSC1 suitable for mobile or wireless applications
running on the tightest power budgets.


Similar Part No. - STSC1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STS BOURNS-STS Datasheet
300Kb / 2P
Ultraminiature Tactile Switch
logo
3M Electronics
STS 3M-STS Datasheet
77Kb / 1P
Wire Marker type-On sheets
logo
CIT Relay & Switch
STS CIT-STS Datasheet
264Kb / 2P
Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
Synchronous Timing Module
logo
Silonex Inc.
STS-8831 SILONEX-STS-8831 Datasheet
25Kb / 1P
Dual Channel Optical Switch Assembly Over / Under Optical Axis
More results

Similar Description - STSC1

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
짹1oC Accuracy Temperature Sensor IC Datasheet
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
Multi-Sensor High Accuracy Digital Temperature Measurement System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com