Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS782DN Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIS782DN
Description  N-Channel 30 V (D-S) MOSFET with Schottky Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS782DN Datasheet(HTML) 1 Page - Vishay Telefunken

  SIS782DN Datasheet HTML 1Page - Vishay Telefunken SIS782DN Datasheet HTML 2Page - Vishay Telefunken SIS782DN Datasheet HTML 3Page - Vishay Telefunken SIS782DN Datasheet HTML 4Page - Vishay Telefunken SIS782DN Datasheet HTML 5Page - Vishay Telefunken SIS782DN Datasheet HTML 6Page - Vishay Telefunken SIS782DN Datasheet HTML 7Page - Vishay Telefunken SIS782DN Datasheet HTML 8Page - Vishay Telefunken SIS782DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
SiS782DN
Document Number: 67954
S11-1177-Rev. A, 13-Jun-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET with Schottky Diode
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
SkyFET® Monolithic TrenchFET® Power MOSFET
and Schottky Diode
•
Low Thermal Resistance PowerPAK® Package
with Small Size and Low 1.07 mm Profile
•
100 % Rg and UIS Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Notebook PC
- System Power, Memory
•
Buck Converter
•
Synchronous Rectifier Switch
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See solder profile (
www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
d. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
e
Qg (Typ.)
30
0.0095 at VGS = 10 V
16
9.5 nC
0.0120 at VGS = 4.5 V
16
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information:
SiS782DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
S
D
Schottky Diode
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
16e
A
TC = 70 °C
16e
TA = 25 °C
14.5a, b
TA = 70 °C
11.5a, b
Pulsed Drain Current (t = 300 µs)
IDM
50
Continuous Source-Drain Diode Current
TC = 25 °C
IS
16e
TA = 25 °C
4a, b
Single Pulse Avalanche Current
L = 0.1 mH
IAS
15
Single Pulse Avalanche Energy
EAS
11.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
41
W
TC = 70 °C
26
TA = 25 °C
3.6a, b
TA = 70 °C
2.3a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 50 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260


Similar Part No. - SIS782DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN Datasheet
569Kb / 14P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
13-Jun-11
SIS782DN-T1-GE3 VISHAY-SIS782DN-T1-GE3 Datasheet
569Kb / 14P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
13-Jun-11
SIS782DN-T1-GE3 VISHAY-SIS782DN-T1-GE3 Datasheet
594Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
13-Jun-11
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
13-Jun-11
More results

Similar Description - SIS782DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
04-Aug-08
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
29-Dec-08
logo
Vishay Telefunken
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-May-09
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
N-Channel 30-V (D-S) MOSFET with Schottky Diode
16-Feb-09
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
13-Jun-11
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
N-Channel 30 V (D-S) MOSFET with Schottky Diode
13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com