Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS782DN Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SIS782DN
Description  N-Channel 30 V (D-S) MOSFET with Schottky Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS782DN Datasheet(HTML) 5 Page - Vishay Telefunken

  SIS782DN Datasheet HTML 1Page - Vishay Telefunken SIS782DN Datasheet HTML 2Page - Vishay Telefunken SIS782DN Datasheet HTML 3Page - Vishay Telefunken SIS782DN Datasheet HTML 4Page - Vishay Telefunken SIS782DN Datasheet HTML 5Page - Vishay Telefunken SIS782DN Datasheet HTML 6Page - Vishay Telefunken SIS782DN Datasheet HTML 7Page - Vishay Telefunken SIS782DN Datasheet HTML 8Page - Vishay Telefunken SIS782DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 67954
S11-1177-Rev. A, 13-Jun-11
www.vishay.com
5
Vishay Siliconix
SiS782DN
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Reverse Current (Schottky)
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
10
-7
0
255075
100
125
150
T
J -Temperature (°C)
20 V
10 V
30 V
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0
0.008
0.016
0.024
0.032
0.040
02468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 10 A
0
24
48
72
96
120
0.001
0.01
0.1
1
10
Time (s)
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 μs
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
10 s
1 s
DC
I
D Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com