Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS782DN Datasheet(PDF) 12 Page - Vishay Telefunken

Part # SIS782DN
Description  N-Channel 30 V (D-S) MOSFET with Schottky Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS782DN Datasheet(HTML) 12 Page - Vishay Telefunken

Back Button SIS782DN Datasheet HTML 6Page - Vishay Telefunken SIS782DN Datasheet HTML 7Page - Vishay Telefunken SIS782DN Datasheet HTML 8Page - Vishay Telefunken SIS782DN Datasheet HTML 9Page - Vishay Telefunken SIS782DN Datasheet HTML 10Page - Vishay Telefunken SIS782DN Datasheet HTML 11Page - Vishay Telefunken SIS782DN Datasheet HTML 12Page - Vishay Telefunken SIS782DN Datasheet HTML 13Page - Vishay Telefunken SIS782DN Datasheet HTML 14Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.vishay.com
4
Document Number 71681
03-Mar-06
Vishay Siliconix
AN822
CONCLUSIONS
As a derivative of the PowerPAK SO-8, the PowerPAK
1212-8 uses the same packaging technology and has
been shown to have the same level of thermal perfor-
mance while having a footprint that is more than 40 %
smaller than the standard TSSOP-8.
Recommended PowerPAK 1212-8 land patterns are
provided to aid in PC board layout for designs using this
new package.
The PowerPAK 1212-8 combines small size with attrac-
tive thermal characteristics. By minimizing the thermal
rise above the board temperature, PowerPAK simplifies
thermal design considerations, allows the device to run
cooler, keeps rDS(ON) low, and permits the device to
handle more current than a same- or larger-size MOS-
FET die in the standard TSSOP-8 or SO-8 packages.
Figure 5. Spreading Copper - Si7401DN
45
55
65
75
85
95
105
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
50 %
0 %
Figure 6. Spreading Copper - Junction-to-Ambient Performance
50
60
70
80
90
100
110
120
130
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
0 %
50 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com