Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2008CP Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2008CP
Description  關P Compatible Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2008CP Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2008CP Datasheet HTML 1Page - Micro Linear Corporation ML2008CP Datasheet HTML 2Page - Micro Linear Corporation ML2008CP Datasheet HTML 3Page - Micro Linear Corporation ML2008CP Datasheet HTML 4Page - Micro Linear Corporation ML2008CP Datasheet HTML 5Page - Micro Linear Corporation ML2008CP Datasheet HTML 6Page - Micro Linear Corporation ML2008CP Datasheet HTML 7Page - Micro Linear Corporation ML2008CP Datasheet HTML 8Page - Micro Linear Corporation ML2008CP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ML2008, ML2009
3
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Supply Voltage
VCC .................................................................... +6.5V
VSS ......................................................................–6.5V
AGND with Respect to GND....................... VCC to VSS
Analog Inputs and Outputs ..... VSS –0.3V to VCC +0.3V
Digital Inputs and Outputs ... GND –0.3V to VCC +0.3V
Input Current Per Pin ........................................
±25mA
Power Dissipation ........................................... 750mW
Storage Temperature Range ............... –65
°C to +150°C
Lead Temperature (Soldering 10 sec.) ................. 300
°C
OPERATING CONDITIONS
Temperature Range (Note 2)
ML2008CX, ML2009CX .......................... 0
°C to +70°C
ML2008IX, ML2009IX ......................... –40
°C to +85°C
Supply Voltage
VCC ................................................................ 4V to 6V
VSS ............................................................. –4V to –6V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = TMIN to TMAX, VCC = 5V ±10%, VSS = –5V ±10%, Data Word: D8 (ATTEN/
GAIN) = 1,
Other Bits = 0, (0dB Ideal Gain), CL = 100pF, RL = 600Ω, dBm measurements use 600Ω as reference load, digital timing
measured at 1.4V.
SYMBOL
PARAMETER
NOTES
CONDITIONS
MIN
TYP
MAX
UNITS
NOTE 3
Analog
AG
Absolute Gain Accuracy
4
VIN = 8dBm, 1kHz
–0.05
+0.05
dB
RG
Relative Gain Accuracy
4
100000001
–0.05
+0.05
dB
000000000
–0.05
+0.05
dB
000000001
–0.05
+0.05
dB
All other gain settings
–0.1
+0.1
dB
All values referenced to 100000000
gain when D8 (ATTEN/
GAIN) = 1,
VIN = 8dBm when D8 (ATTEN/
GAIN) = 0,
VIN = (8dBm – Ideal Gain) in dB
FR
Frequency Response
4
300-4000Hz
–0.05
+0.05
dB
100-20,000Hz
–0.1
+0.1
dB
Relative to 1kHz
VOS
Output Offset Voltage
4
VIN = 0, +24dB gain
±100
mV
ICN
Idle Channel Noise
4
VIN = 0, +24dB, C msg weighted
–6
0
dBrnc
5VIN = 0, +24dB, 1kHz
450
900
nv/
√Hz
HD
Harmonic Distortion
4
VIN = 8dBm, 1kHz
–60
dB
Measure 2nd, 3rd, harmonic relative
to fundamental
SD
Signal to Distortion
4
VIN = 8dBm, 1kHz
+60
dB
C msg weighted
PSRR
Power Supply Rejection
4
200mVP-P, 1kHz sine, VIN = 0
on VCC
–60
–40
dB
on VSS
–60
–40
dB
ZIN
Input Impedance, VIN
4
1
Meg
VINR
Input Voltage Range
4
±3.0
V
VOSW
Output Voltage Swing
4
±3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com