Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2008CP Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2008CP
Description  關P Compatible Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2008CP Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2008CP Datasheet HTML 1Page - Micro Linear Corporation ML2008CP Datasheet HTML 2Page - Micro Linear Corporation ML2008CP Datasheet HTML 3Page - Micro Linear Corporation ML2008CP Datasheet HTML 4Page - Micro Linear Corporation ML2008CP Datasheet HTML 5Page - Micro Linear Corporation ML2008CP Datasheet HTML 6Page - Micro Linear Corporation ML2008CP Datasheet HTML 7Page - Micro Linear Corporation ML2008CP Datasheet HTML 8Page - Micro Linear Corporation ML2008CP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ML2008, ML2009
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
NOTES
CONDITIONS
MIN
TYP
MAX
UNITS
NOTE 3
Digital and DC
VIL
Digital Input Low Voltage
4
0.8
V
VIH
Digital Input High Voltage
4
2.0
V
IIN
Input Current, Low
4
VIH = GND
–10
µA
IIN
Input Current, High
4
VIH = VCC
10
µA
ICC
VCC Supply Current
4
No output load, VIL = GND,
4
mA
VIH = VCC, VIN = 0
ISS
VSS Supply Current
4
No output load, VIL = GND,
–4
mA
VIH = VCC, VIN = 0
ICCP
VCC Supply Current, ML2008
4
No output load, VIL = GND,
0.5
mA
Powerdown Mode Only
VIH = VCC
ISSP
VSS Supply Current, ML2008
4
No output load, VIL = GND,
–0.1
mA
Powerdown Mode Only
VIH = VCC
AC Characteristics
tSET
VOUT Settling Time
4
VIN = 0.185V. Change gain from –24
20
µs
to +24dB. Measure from
WR rising
edge to when VOUT settles to within
0.05dB of final value.
tSTEP
VOUT Step Response
4
Gain = +24dB. VIN = –3V to +3V step.
20
µs
Measure from VIN = –3V to when VOUT
settles to within 0.05dB of final value.
tDS
Data Setup Time
4
50
ns
tDH
Data Hold Time
4
50
ns
tAS
A0 Setup Time
4
0
ns
tAH
A0 Hold Time
4
0
ns
tCSS
CS* Setup Time
4
0
ns
tCSH
CS* Hold Time
4
0
ns
tPW
WR* Pulse Width
4
50
ns
Note 1: Absolute maximum ratings are limits beyond which the life of the integrated circuit may be impaired. All voltages unless otherwise specified are measured with
respect to ground.
Note 2: 0
°C to +70°C and –40°C to +85°C operating temperature range devices are 100% tested with temperature limits guaranteed by 100% testing, sampling, or by
correlation with worst-case test conditions.
Note 3: Typicals are parametric norm at 25
°C.
Note 4: Parameter guaranteed and 100% production tested.
Note 5: Parameter guaranteed. Parameters not 100% tested are not in outgoing quality level calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com