Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2008CP Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2008CP
Description  關P Compatible Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2008CP Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2008CP Datasheet HTML 1Page - Micro Linear Corporation ML2008CP Datasheet HTML 2Page - Micro Linear Corporation ML2008CP Datasheet HTML 3Page - Micro Linear Corporation ML2008CP Datasheet HTML 4Page - Micro Linear Corporation ML2008CP Datasheet HTML 5Page - Micro Linear Corporation ML2008CP Datasheet HTML 6Page - Micro Linear Corporation ML2008CP Datasheet HTML 7Page - Micro Linear Corporation ML2008CP Datasheet HTML 8Page - Micro Linear Corporation ML2008CP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 1997
ML2008
*, ML2009**
µP Compatible Logarithmic Gain/Attenuator
FEATURES
s
Low noise
0dBrnc max with +24dB gain
s
Low harmonic distortion
–60dB max
s
Gain range
–24 to +24dB
s
Resolution
0.1dB steps
s
Flat frequency response
±0.05dB from 0.3-4kHz
±0.10dB from 0.1-20kHz
s
Low supply current
4mA max from
±5V supplies
s
TTL/CMOS compatible digital interface
s
ML2008 is designed to interface to an 8-bit data bus;
ML2009 to 16-bit data bus
GENERAL DESCRIPTION
The ML2008 and ML2009 are digitally controlled
logarithmic gain/attenuators with a range of –24 to +24dB
in 0.1dB steps.
Easy interface to microprocessors is provided by an input
latch and control signals consisting of chip select and
write.
The interface for gain setting of the ML2008 is by an 8-bit
data word, while the ML2009 is designed to interface to a
16-bit data bus with a single write operation by hard-
wiring the gain/attenuation pin or LSB pin. The ML2008
can be power downed by the microprocessor utilizing a
bit in the second write operation.
Absolute gain accuracy is 0.05dB max over supply
tolerance of
±10% and temperature range.
These CMOS logarithmic gain/attenuators are designed for
* This Part Is End Of Life As Of August 1, 2000
a wide variety of applications in telecom, audio, sonar or
** This Part Is Obsolete
general purpose function generation.
BLOCK DIAGRAM
+
–
+
–
+
–
RESISTORS/
SWITCHES
RESISTORS/
SWITCHES
VCC
VSS
GND
AGND
VIN
COARSE
FINE
BUFFER
VOUT
16
16
+5
–5
DECODERS
WR
CS
A0
REGISTER 0
REGISTER 1
8
1
1
PDN
D1–D8
8
+
–
+
–
+
–
RESISTORS/
SWITCHES
RESISTORS/
SWITCHES
VCC
VSS
GND
AGND
VIN
COARSE
FINE
BUFFER
VOUT
16
16
+5
–5
DECODERS
REGISTER 0
9
D0–D8
9
WR
CS
ML2008
ML2009
*
1


Similar Part No. - ML2008CP

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002 Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-1U MINILOGIC-ML2002-1U Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-1U MINILOGIC-ML2002-1U Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
ML2002-2U MINILOGIC-ML2002-2U Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-2U MINILOGIC-ML2002-2U Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
More results

Similar Description - ML2008CP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2003 FAIRCHILD-ML2003 Datasheet
88Kb / 11P
Logarithmic Gain/Attenuator
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX6314 MAXIM-MAX6314 Datasheet
114Kb / 8P
68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
MX390 MAXIM-MX390 Datasheet
171Kb / 4P
Quad, 12-Bit, 關P-Compatible DAC
Rev 0; 2/93
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
Logarithmic Gain/Attenuator
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
Digital Audio Amplifier Gain Control using Logarithmic
April 21, 2005
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
CMOS 關P-Compatible 12-Bit DAC
REV. A
logo
API Technologies Corp
HS9338 APITECH-HS9338 Datasheet
2Mb / 3P
Complete 關P Compatible 12-Bit DAC
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
8-Bit 關P Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com