Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2281CIP Datasheet(PDF) 19 Page - Micro Linear Corporation

Part # ML2281CIP
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2281CIP Datasheet(HTML) 19 Page - Micro Linear Corporation

Back Button ML2281CIP Datasheet HTML 15Page - Micro Linear Corporation ML2281CIP Datasheet HTML 16Page - Micro Linear Corporation ML2281CIP Datasheet HTML 17Page - Micro Linear Corporation ML2281CIP Datasheet HTML 18Page - Micro Linear Corporation ML2281CIP Datasheet HTML 19Page - Micro Linear Corporation ML2281CIP Datasheet HTML 20Page - Micro Linear Corporation ML2281CIP Datasheet HTML 21Page - Micro Linear Corporation ML2281CIP Datasheet HTML 22Page - Micro Linear Corporation ML2281CIP Datasheet HTML 23Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
19
APPLICATIONS (Continued)
10k
Ω
FS
ADJ.
1k
Ω
GAIN
10k
Ω
OFFSET
DUAL
DUAL
5.1V
2.7k
Ω
10k
Ω
10V
10V
6.8k
Ω
330
Ω
VCC
(5VDC)
1k
Ω
2VDC
ZERO ADJ.
+
+
10
µF
1.2k
Ω
2.7k
Ω
330
Ω
1k
Ω
3V
VIN (+)
VIN
VCC
VCC
VREF
–IN
+IN
DO
CLK
CS
ML2281
VREF
ML2281
+
1
µF
SET
VOLTAGE SPAN
1M
Ω
VIN (–)
SETS ZERO
CODE VOLTAGE
+
–
+
–
1M
Ω
20k
Ω
20k
Ω
STRAIN GAUGE
LOAD CELL
300
Ω/30mV FS
CH0
CH7
SERIAL I/O
COM
LM335
LM385
TL064
TL064
TL064
VREF
tREF
tREF
VCC
VCC
VCC
ML2288
+
–
+
–
+
–
910
Ω
820
Ω
1k
Ω
1k
Ω
TYPE J
TYPE J
T1
+
–
+
–
T8
1k
Ω
22k
Ω
88.2k
Ω
88.2k
•
•
•
•
USES ONE MORE WIRE THAN LOAD CELL ITSELF
TWO MINI-DIPs COULD BE MOUNTED INSIDE LOAD CELL
FOR DIGITAL OUTPUT TRANSDUCER
ELECTRONIC OFFSET AND GAIN TRIMS RELAX MECHANICAL
SPECS FOR GAUGE FACTOR AND OFFSET
LOW LEVEL CELL OUTPUT IS CONVERTED IMMEDIATELY FOR
HIGH NOISE IMMUNITY
tREF
USES THE PSEUDO-DIFFERENTIAL MODE TO KEEP THE
DIFFERENTIAL INPUTS CONSTANT WITH CHANGES IN REFERENCE TEMPERATURE (TREF)
2k
Ω
3k
Ω
20k
Ω
1k
Ω
Zero-Shift and Span Adjust: 2V - VIN - 5V
Digital Load Cell
Convert 8 Thermocouples with only One Cold-Junction Compensator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com