Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2281CIP Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2281CIP
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2281CIP Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2281CIP Datasheet HTML 1Page - Micro Linear Corporation ML2281CIP Datasheet HTML 2Page - Micro Linear Corporation ML2281CIP Datasheet HTML 3Page - Micro Linear Corporation ML2281CIP Datasheet HTML 4Page - Micro Linear Corporation ML2281CIP Datasheet HTML 5Page - Micro Linear Corporation ML2281CIP Datasheet HTML 6Page - Micro Linear Corporation ML2281CIP Datasheet HTML 7Page - Micro Linear Corporation ML2281CIP Datasheet HTML 8Page - Micro Linear Corporation ML2281CIP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
BLOCK DIAGRAM
1
May 1997
ML2281, ML2282*,
ML2284#, ML2288#
Serial I/O 8-Bit A/D Converters with
Multiplexer Options
GENERAL DESCRIPTION
The ML2281 family are 8-bit successive approximation
A/D converters with serial I/O and configurable input
multiplexers with up to 8 input channels.
All errors of the sample-and-hold, incorporated on the
ML2281 family are accounted for in the analog-to-digital
converters accuracy specification.
The voltage reference can be externally set to any value
between GND and VCC, thus allowing a full conversion
over a relatively small voltage span if desired.
The ML2281 family is an enhanced double polysilicon
CMOS pin compatible second source for the ADC0831,
ADC0832, ADC0834, and ADC0838 A/D converters. The
ML2281 series enhancements are faster conversion time,
true sample-and-hold function, superior power supply
rejection, improved AC common mode rejection, faster
digital timing, and lower power dissipation. All parameters
are guaranteed over temperature with a power supply
voltage of 5V ±10%.
FEATURES
s Conversion time: 6µs
s Total unadjusted error: ±1/2LSB or ±1LSB
s Sample-and-hold: 375ns acquisition
s 2, 4 or 8-input multiplexer options
s 0 to 5V analog input range with single 5V
power supply
s Operates ratiometrically or with up to 5V
voltage reference
s No zero or full-scale adjust required
s ML2281 capable of digitizing a 5V, 40kHz sine wave
s Low power: 12.5mW MAX
s Superior pin compatible replacement for ADC0831,
ADC0832, ADC0834, and ADC0838
s Analog input protection: 25mA (min) per input
s Now in 8-Pin SOIC Package (ML2281, ML2282)
INPUT
SHIFT-REGISTER
OUTPUT
SHIFT-REGISTER
SHUNT
REGULATOR
CONTROL
AND
TIMING
DI
SARS
CLK
CS
DO
4-BIT
SE
DGND
V+
VCC
VREF
AGND
COMMON
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
A/D
CONVERTER
WITH
SAMPLE & HOLD
FUNCTION
Σ
VREF
CLK
CS
VIN–
SUCCESSIVE
APPROXIMATION
REGISTER
D/A
CONVERTER
+
–
OUTPUT
SHIFT-REGISTER
CONTROL
AND
TIMING
COMP
A/D WITH SAMPLE & HOLD FUNCTION
8pF
8pF
–
+
VIN+
VCC
GND
DO
ML2281
ML2288 (8-Channel SE or 4-Channel Diff Multiplexer)
ML2284 (4-Channel SE or 2-Channel Diff Multiplexer)
ML2284 (2-Channel SE or 1-Channel Diff Multiplexer)
(* Indicates Part is Obsolete)
(# Indicates Part is End Of Life as Of July 1, 2000)


Similar Part No. - ML2281CIP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
logo
List of Unclassifed Man...
ML22802-XXX ETC2-ML22802-XXX Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
ML22804 ETC2-ML22804 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2280BCP MICRO-LINEAR-ML2280BCP Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
More results

Similar Description - ML2281CIP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 40P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com