Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2281CIP Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2281CIP
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2281CIP Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2281CIP Datasheet HTML 1Page - Micro Linear Corporation ML2281CIP Datasheet HTML 2Page - Micro Linear Corporation ML2281CIP Datasheet HTML 3Page - Micro Linear Corporation ML2281CIP Datasheet HTML 4Page - Micro Linear Corporation ML2281CIP Datasheet HTML 5Page - Micro Linear Corporation ML2281CIP Datasheet HTML 6Page - Micro Linear Corporation ML2281CIP Datasheet HTML 7Page - Micro Linear Corporation ML2281CIP Datasheet HTML 8Page - Micro Linear Corporation ML2281CIP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = TMIN to TMAX, VCC = VREF = 5V ±10%, and fCLK = 1.333MHz.
ML228XB
ML228XC
TYP
TYP
SYMBOL
PARAMETER
CONDITIONS
MIN
NOTE 3
MAX
MIN
NOTE 3
MAX
UNITS
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Total Unadjusted
VREF = VCC (Notes 4, 6)
±1/2
±1
LSB
Error
Reference Input
(Notes 4, 7)
10
15
20
10
15
20
k
W
Resistance
Common-Mode
(Notes 4, 8)
GND
VCC
GND
VCC
V
Input Range
–0.05
+0.05
–0.05
+0.05
DC Common-Mode Common mode voltage
±1/16
±1/4
±1/16
±1/4
LSB
Error
voltage GND to VCC/2
(Note 5)
AC Common-Mode Common mode voltage
±1/4
±1/4
LSB
Error
GND to VCC/2,
0 to 50kHz (Note 5)
DC Power Supply
VCC = 5V ±10%
±1/32
±1/4
±1/32
±1/4
LSB
Sensitivity
VREF - VCC +0.1V
(Note 5)
AC Power Supply
100mVP-P, 25kHz sine
±1/4
±1/4
LSB
Sensitivity
on VCC (Note 5)
Change in Zero
15mA into V+
±1/2
±1/2
LSB
Error from VCC=5V VCC = N.C. VREF = 5V
to Internal Zener
(Note 5)
Operation
VZ
Internal Diode
15mA into V+
6.9
6.9
V
Regulated Break-
down (at V+)
V+
Input Resistance
(Note 4)
20
35
20
35
k
W
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Current into V+ ...................................................... 15mA
Supply Voltage, VCC ................................................. 6.5V
Voltage
Logic Inputs ........................................... –7 to VCC +7V
Analog Inputs ................................ –0.3V to VCC +0.3V
Input Current per Pin (Note 1) .............................. ±25mA
Storage Temperature ................................ –65°C to 150°C
Package Dissipation
at TA = 25°C (Board Mount) .............................800mW
Lead Temperature (Soldering 10 sec.)
Dual-In-Line Package (Molded) .......................... 260°C
Dual-In-Line Package (Ceramic) ......................... 300°C
Molded Chip Carrier Package
Vapor Phase (60 sec.) ..................................... 215°C
Infrared (15 sec.) ............................................. 220°C
OPERATING CONDITIONS
Supply Voltage, VCC ............................ 4.5VDC to 6.3VDC
Temperature Range (Note 2) ................. TMIN - TA - TMAX
ML2281/2/4/8 BIX .................................. –40°C to 85°C
ML2281/2/4/8 CIX
ML2281/2/4/8 BCX .................................... 0°C to 70°C
ML2281/2/4/8 CCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com