Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4426IP Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4426IP
Description  Bi-directional Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4426IP Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4426IP Datasheet HTML 1Page - Micro Linear Corporation ML4426IP Datasheet HTML 2Page - Micro Linear Corporation ML4426IP Datasheet HTML 3Page - Micro Linear Corporation ML4426IP Datasheet HTML 4Page - Micro Linear Corporation ML4426IP Datasheet HTML 5Page - Micro Linear Corporation ML4426IP Datasheet HTML 6Page - Micro Linear Corporation ML4426IP Datasheet HTML 7Page - Micro Linear Corporation ML4426IP Datasheet HTML 8Page - Micro Linear Corporation ML4426IP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ML4426
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (BRAKE, F/R) (Note 3)
VIH
Input High Voltage
2
V
VIL
Input Low Voltage
0.8
V
IIH
Input High Current
VIH = 2.4V
2.4
mA
IIL
Input Low Current
VIL = 0.4V
2.9
mA
LOGIC OUTPUTS (VCO/TACH, UV FAULT) (Note 3)
VCO/TACH Output High Voltage
IOUT = –100µA
2.2
V
VCO/TACH Output Low Voltage
IOUT = 400µA
0.6
V
UV FAULT Output High Voltage
IOUT = –10µA
C Suffix
3.4
4.5
5.4
V
I Suffix
3.2
5.6
V
UV FAULT Output Low Voltage
IOUT = 400µA
0.6
V
BACK-EMF SAMPLER
SPEED FB Align Mode Voltage
125
250
mV
SPEED FB Ramp Mode Current
C Suffix
500
720
nA
I Suffix
500
750
nA
SPEED FB Run Mode Current
State A, CRT = 5V,
C Suffix
30
90
µA
VPHB = VDD/3
I Suffix
27
90
µA
State A, CRT = 5V, VPHB = VDD/2
–15
15
µA
State A, CRT = 5V,
C Suffix
–90
–30
µA
VPHB = 2´VDD/3
I Suffix
–90
–27
µA
OUTPUT DRIVERS
High Side Driver Output Low Current
VHX = 2V
0.5
1.2
mA
High Side Driver Output High Voltage
IHX = –10µA
VCC – 1.3
V
Low Side Driver Output Low Voltage
ILX = 1mA
0.2
0.7
V
Low Side Driver Output High Voltage
V(ISENSE) = 0V
C Suffix VDD – 2.2
V
I Suffix VDD – 2.9
V
Phase C Cross-conduction Lockout Threshold
VDD – 3.0
V
SUPPLY
IDD
VDD Current
32
50
mA
UVLO Threshold
C Suffix
8.8
9.5
10.2
V
I Suffix
8.6
10.3
V
UVLO Hysteresis
150
mV
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2: For explanation of states, see Figure 4 and Table 1.
Note 3: The BRAKE and UV FAULT pins each have an internal 4k
W resistor to the internal reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com