Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4426IP Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4426IP
Description  Bi-directional Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4426IP Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4426IP Datasheet HTML 1Page - Micro Linear Corporation ML4426IP Datasheet HTML 2Page - Micro Linear Corporation ML4426IP Datasheet HTML 3Page - Micro Linear Corporation ML4426IP Datasheet HTML 4Page - Micro Linear Corporation ML4426IP Datasheet HTML 5Page - Micro Linear Corporation ML4426IP Datasheet HTML 6Page - Micro Linear Corporation ML4426IP Datasheet HTML 7Page - Micro Linear Corporation ML4426IP Datasheet HTML 8Page - Micro Linear Corporation ML4426IP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CAT
17
FB A
22
FB B
23
FB C
24
BACK
EMF
SAMPLER
CRT
19
–
+
–
+
1.5V
750nA
–
+
1.5V
750nA
VDD
VDD
CRR
21
500nA
VDD
SPEED
FB
20
CVCO
15
16
RVCO
VOLTAGE
CONTROLLED
OSCILLATOR
VCO/TACH
13
2
4
3
9
10
HA
HB
HC
LA
LB
GATING
LOGIC
&
OUTPUT
DRIVERS
+
–
SPEED SET
8
5
SPEED COMP
3.9V
1.7V
20kHz
6
CT
–
+
1.4V
1
ISENSE
× 5
UVLO
12
F/R
–
+
1.7V
VREF
26
CIOS
16k
Ω
8k
Ω
ILIMIT
1-SHOT
25
BRAKE
VDD
4k
Ω
14
VDD
28
GND
27
RREF
11
LC
REFERENCE
VCO
OUT
VCO
OUT
18
UV FAULT
7
VREF
A
B
C
D
E
F
R
COMMUTATION
STATE MACHINE
July 2000
ML4426*
Bi-directional Sensorless BLDC Motor Controller
GENERAL DESCRIPTION
The ML4426 PWM motor controller provides all of the
functions necessary for starting and controlling the speed
of delta or wye wound Brushless DC (BLDC) motors
without Hall Effect sensors. Back EMF voltage is sensed
from the motor windings to determine the proper
commutation phase sequence using a PLL. This patented
sensing technique will commutate a wide range of 3-
Phase BLDC motors and is insensitive to PWM noise and
motor snubbing circuitry.
The ML4426 limits the motor current using a constant off-
time PWM control loop. The velocity loop is controlled
with an onboard amplifier. The ML4426 has circuitry to
ensure that there is no shoot-through in directly driven
external power MOSFETs.
The timing of the start-up sequence is determined by the
selection of three timing capacitors. This allows
optimization for a wide range of motors and loads.
FEATURES
s
Motor starts and stops with power to IC
s Bi-directional motor drive for applications requiring forward/
reverse operation
s On-board start sequence: Align
® Ramp ® Set Speed
s Patented Back-EMF commutation technique provides jitterless
torque for minimum “spin-up” time
s Onboard speed control loop
s PLL used for commutation provides noise immunity from
PWM spikes, compared to noise sensitive zero crossing
technique
s PWM control for maximum efficiency
s Direct FET drive for 12V motors; drives high voltage motors
with IC buffers from IR, IXYS, Harris, Power Integrations,
Siliconix, etc.
(* Indicates Part Is End Of Life As Of July 1, 2000)
BLOCK DIAGRAM (Pin Configuration Shown for 28 Pin Version)
1


Similar Part No. - ML4426IP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4420CS MICRO-LINEAR-ML4420CS Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4423 MICRO-LINEAR-ML4423 Datasheet
220Kb / 10P
1, 2, or 3-Phase Variable Speed AC Motor Controller
ML4423CP MICRO-LINEAR-ML4423CP Datasheet
220Kb / 10P
1, 2, or 3-Phase Variable Speed AC Motor Controller
ML4423CS MICRO-LINEAR-ML4423CS Datasheet
220Kb / 10P
1, 2, or 3-Phase Variable Speed AC Motor Controller
More results

Similar Description - ML4426IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
Sensorless BLDC Motor Controller
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
Sensorless Smart-Start??BLDC PWM Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
Automotive, Sensorless BLDC Controller
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
Sensorless BLDC Controller
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
Sensorless Sinusoidal Drive BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
3-Phase Sensorless BLDC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com