Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4426IP Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4426IP
Description  Bi-directional Sensorless BLDC Motor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4426IP Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4426IP Datasheet HTML 8Page - Micro Linear Corporation ML4426IP Datasheet HTML 9Page - Micro Linear Corporation ML4426IP Datasheet HTML 10Page - Micro Linear Corporation ML4426IP Datasheet HTML 11Page - Micro Linear Corporation ML4426IP Datasheet HTML 12Page - Micro Linear Corporation ML4426IP Datasheet HTML 13Page - Micro Linear Corporation ML4426IP Datasheet HTML 14Page - Micro Linear Corporation ML4426IP Datasheet HTML 15Page - Micro Linear Corporation ML4426IP Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ML4426
R19
80.5k
Ω
BRAKE
REVERSE
FORWARD
RUN
R10 (RES1)
R9 (RES1)
R8 (RES1)
S1
C16
330pF
MOTOR
C5
2.2nF
R16
10k
Ω
R14
2k
Ω
C17
1nF
C9
100nF
C12
R18
10k
Ω
R21
787
Ω
R6
100
Ω
R5
100
Ω
R7
100
Ω
Q7
IRFR120
Q8
IRFR120
Q9
IRFR120
R1
470m
Ω
2W
VBUSS
24V–80V
C1
100nF
100V
C2
330µF
100V
R2
10k
Ω
Q1
2N6718
C15
470nF
12V
Q4
IRFR9120
R3
10k
Ω
Q2
2N6718
Q5
IRFR9120
R4
10k
Ω
Q3
2N6718
R15
1k
Ω
R13
2k
Ω
R12
2k
Ω
Q6
IRFR9120
C3
1µF
ML4425
ISENSE
HA
HB
HC
SPEED COMP
CT
VREF
SPEED SET
LA
LB
LC
F/R
VCO/TACH
VDD
GND
RREF
CIOS
BRAKE
FB C
FB B
FB A
CRR
SPEED FB
CRT
UV FAULT
CAT
RVCO
CVCO
R20
137k
Ω
C4
C8
1µF
C14
R17
10k
Ω
C7
100nF
C6
1µF
C14
1µF
C13
100nF
12V
Figure 11. Driving Lower Voltage Motors (12 to 80V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com