Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4801 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4801
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4801 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4801 Datasheet HTML 4Page - Micro Linear Corporation ML4801 Datasheet HTML 5Page - Micro Linear Corporation ML4801 Datasheet HTML 6Page - Micro Linear Corporation ML4801 Datasheet HTML 7Page - Micro Linear Corporation ML4801 Datasheet HTML 8Page - Micro Linear Corporation ML4801 Datasheet HTML 9Page - Micro Linear Corporation ML4801 Datasheet HTML 10Page - Micro Linear Corporation ML4801 Datasheet HTML 11Page - Micro Linear Corporation ML4801 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ML4801
8
Overvoltage Protection
The OVP comparator serves to protect the power circuit
from being subjected to excessive voltages if the load
should suddenly change. A resistor divider from the high
voltage DC output of the PFC is fed to VFB. When the
voltage on VFB exceeds 2.75V, the PFC output driver is
shut down. The PWM section will continue to operate. The
OVP comparator has 250mV of hysteresis, and the PFC
will not restart until the voltage at VFB drops below 2.5V.
The OVP trip level should be set at a level where the
active and passive external power components and the
ML4801 are within their safe operating voltages, but not
so low as to interfere with the regulator operation of the
boost voltage regulation loop.
Error Amplifier Compensation
The PWM loading of the PFC can be modeled as a
negative resistor; an increase in input voltage to the PWM
causes a decrease in the input current. This response
dictates the proper compensation of the two
transconductance error amplifiers. Figure 2 shows the
types of compensation networks most commonly used for
the voltage and current error amplifiers, along with their
respective return points. The current loop compensation is
returned to VREF to produce a soft-start characteristic on
the PFC: as the reference voltage comes up from zero
volts, it creates a differentiated voltage on IEAO which
prevents the PFC from immediately demanding a full duty
cycle on its boost converter.
There are two major concerns when compensating the
voltage loop error amplifier; stability and transient
response. Optimizing interaction between transient
response and stability requires that the error amplifier’s
open-loop crossover frequency should be 1/2 that of the
line frequency, or 23Hz for a 47Hz line (lowest
anticipated international power frequency). Rapid
perturbations in line or load conditions will cause the
input to the voltage error amplifier (VFB) to deviate from
its 2.5V (nominal) value. If this happens, the
transconductance of the voltage error amplifier will
increase significantly. This increases the gain-bandwidth
product of the voltage loop, resulting in a much more
rapid voltage loop response to such perturbations than
would occur with a conventional linear gain
characteristic. The current amplifier compensation is
similar to that of the voltage error amplifier with the
exception of the choice of crossover frequency. The
crossover frequency of the current amplifier should be at
least 10 times that of the voltage amplifier, to prevent
interaction with the voltage loop. It should also be limited
to less than 1/6th that of the switching frequency, e.g.
16.7kHz for a 100kHz switching frequency.
There is a also a degree of gain contouring applied to the
transfer characteristic of the current error amplifier, to
increase its speed of response to current-loop
perturbations. However, the boost inductor will usually be
the dominant factor in overall current loop response.
Therefore, this contouring is significantly less marked than
that of the voltage error amplifier.
For more information on compensating the current and
voltage control loops, see Application Notes 33, 34, and
55. Application Note 16 also contains valuable
information for the design of this class of PFC.
Oscillator (RTCT)
The oscillator frequency is set by the values of RT and CT,
which determine the ramp and off-time of the ML4801's
master oscillator:
f
tt
OSC
RAMP
DEADTIME
=
+
1
(2)
The deadtime of the oscillator is derived from the
following equation:
tC
R
V
V
RAMP
T
T
REF
REF
=´
´
-
-
F
HG
I
KJ
ln
.
.
125
375
(3)
at VREF = 7.5V:
tC
R
RAMP
T
T
=´
´ 051
.
The ramp of the oscillator may be determined using:
t
V
mA
CC
DEADTIME
T
T
=´
=
´
25
55
455
.
.
(4)
The deadtime is so small (tRAMP >> tDEADTIME) that the
FUNCTIONAL DESCRIPTION (Continued)
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
2.5V
-
+
16
2
4
3
VEA
-
+
IEA
+
-
GND
VREF
1
PFC
OUTPUT
GAIN
MODULATOR
Figure 2. Compensation Network Connections for the
Voltage and Current Error Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com