Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4801 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4801
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4801 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4801 Datasheet HTML 5Page - Micro Linear Corporation ML4801 Datasheet HTML 6Page - Micro Linear Corporation ML4801 Datasheet HTML 7Page - Micro Linear Corporation ML4801 Datasheet HTML 8Page - Micro Linear Corporation ML4801 Datasheet HTML 9Page - Micro Linear Corporation ML4801 Datasheet HTML 10Page - Micro Linear Corporation ML4801 Datasheet HTML 11Page - Micro Linear Corporation ML4801 Datasheet HTML 12Page - Micro Linear Corporation ML4801 Datasheet HTML 13Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ML4801
9
operating frequency can typically be approximated by:
f
t
OSC
RAMP
=
1
(5)
EXAMPLE:
For the application circuit shown in the data sheet, with
the oscillator running at:
fkHz
t
OSC
RAMP
==
100
1
tR
C
RAMP
T
T
=´
´
= ´
-
051
1 10
5
.
Solving for RT x CT yields 2 x 10-4. Selecting standard
components values, CT = 270pF, and RT = 36.5kΩ.
PWM SECTION
The PWM section of the ML4801 is straightforward, but
there are several points which should be noted. Foremost
among these is its inherent synchronization to the PFC
section of the device, and that the PWM stage is
optimized for current-mode operation. In the ML4801, the
operating frequency of the PFC section is fixed at 1/2 of
the PWM's operating frequency. This is done through the
use of a 2:1 digital frequency divider ("T" flip-flop) linking
the two functional sections of the IC.
No voltage error amplifier is included in the PWM stage
of the ML4801, as this function is generally performed on
the output side of the PWM’s isolation boundary. To
facilitate the design of optocoupler feedback circuitry, an
offset has been built into the PWM’s RAMP 2 input which
allows VDC to command a zero percent duty cycle for
input voltages below 1.25V.
PWM Current Limit
The RAMP 2 pin provides a direct input to the cycle-by-
cycle current limiter for the PWM section. Should the
input voltage at this pin ever exceed 1.5V, the output of
the PWM will be disabled until the output flip-flop is reset
by the clock pulse at the start of the next PWM power
cycle.
VIN OK Comparator
The VIN OK comparator monitors the DC output of the
PFC and inhibits the PWM if this voltage on VFB is less
than its nominal 2.5V. Once this voltage reaches 2.5V,
which corresponds to the PFC output capacitor being
charged to its rated boost voltage, the soft-start
commences.
PWM Control (RAMP 2)
In addition to its PWM current limit function, RAMP 2 is
used as the sampling point for a voltage representing the
current in the primary of the PWM’s output transformer.
This voltage may be derived either by a current sensing
resistor or a current transformer.
Soft Start
Start-up of the PWM is controlled by the selection of the
external capacitor at SS. A current source of 25µA
supplies the charging current for the capacitor, and start-
up of the PWM begins at 1.25V. Start-up delay can be
programmed by the following equation:
Ct
A
V
SS
DELAY
=×
25
125
µ
.
(6)
where CSS is the required soft start capacitance, and
tDELAY is the desired start-up delay.
It is important that the time constant of the PWM soft-start
allow the PFC time to generate sufficient output power for
the PWM section. The PWM start-up delay should be at
least 5ms.
Solving for the minimum value of CSS:
Cms
A
V
nF
SS =×
=
5
25
125
100
µ
.
Generating VCC
The ML4801 is a voltage-fed part. It requires an external
15V±10% or better Zener shunt voltage regulator, or some
other VCC regulator, to maintain the voltage supplied to
the part at 15V nominal. This allows a low power
dissipation while at the same time delivering 13V
nominal of gate drive at the PWM OUT and PFC OUT
outputs. If using a Zener diode, it is important to limit the
current through the Zener to avoid overheating or
destroying it. This can be easily done with a single resistor
in series with the Vcc pin, returned to a bias supply of
typically 18V to 20V. The resistor’s value must be chosen
to meet the operating current requirement of the ML4801
itself (8.5mA max.) plus the current required by the two
gate driver outputs.
EXAMPLE:
With a VBIAS of 20V, a VCC limit of 16.5V (max) and
driving a total gate charge of 110nC at 100kHz (1 IRF840
MOSFET and 2 IRF830 MOSFETs), the gate driver current
required is:
IkHz
nC
mA
GATEDRIVE =´
=
100
110
11
R
VV
mA
mA
BIAS =
-
+
=
20
16 5
75
11
180
.
.
Ω
The ML4801 should be locally bypassed with a 10nF and
a 1
µF ceramic capacitor. In most applications, an
electrolytic capacitor of between 33µF and 100µF is also
required across the part, both for filtering and as part of
the start-up bootstrap circuitry.
FUNCTIONAL DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com