Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4801 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4801
Description  Variable Feedforward PFC/PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4801 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4801 Datasheet HTML 1Page - Micro Linear Corporation ML4801 Datasheet HTML 2Page - Micro Linear Corporation ML4801 Datasheet HTML 3Page - Micro Linear Corporation ML4801 Datasheet HTML 4Page - Micro Linear Corporation ML4801 Datasheet HTML 5Page - Micro Linear Corporation ML4801 Datasheet HTML 6Page - Micro Linear Corporation ML4801 Datasheet HTML 7Page - Micro Linear Corporation ML4801 Datasheet HTML 8Page - Micro Linear Corporation ML4801 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
November 1998
PRELIMINARY
ML4801
Variable Feedforward PFC/PWM Controller Combo
GENERAL DESCRIPTION
The ML4801 is a controller for power factor corrected,
switched mode power supplies. Key features of this
combined PFC and PWM controller are low start-up and
operating currents. Power Factor Correction (PFC) allows
the use of smaller, lower cost bulk capacitors, reduces
power line loading and stress on the switching FETs, and
results in a power supply that fully complies with
IEC1000-2-3 specifications. The ML4801 includes circuits
for the implementation of a leading edge, average current
“boost” type power factor correction and a trailing edge
pulse width modulator (PWM).
The PFC frequency of the ML4801 is automatically set at
half that of the PWM frequency generated by the internal
oscillator. This technique allows the user to design with
smaller output components while maintaining the
optimum operating frequency for the PFC. An over-
voltage comparator shuts down the PFC section in the
event of a sudden decrease in load. The PFC section also
includes peak current limiting and input voltage brown-
out protection.
FEATURES
s
Internally synchronized PFC and PWM in one IC
s
Low start-up current (200µA typ.)
s
Low operating current (5.5mA typ.)
s
Low total harmonic distortion
s
Reduces ripple current in the storage capacitor
between the PFC and PWM sections
s
Average current continuous boost leading edge PFC
s
High efficiency trailing edge PWM optimized for
current mode operation
s
Current fed gain modulator for improved noise
immunity
s
Brown-out control, overvoltage protection, UVLO, and
soft start
BLOCK DIAGRAM
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
UVLO
VREF
PULSE WIDTH MODULATOR
POWER FACTOR CORRECTOR
2.5V
+
-
-
+
16
2
4
3
7.5V
REFERENCE
14
VCC
13
VCC
VEA
8
+
–
IEA
1
+
-
+
-
PFC OUT
12
S
R
Q
Q
S
R
Q
Q
2.75V
-1V
RAMP 2
9
PWM OUT
11
GND
10
S
R
Q
Q
VDC
6
SS
5
RTCT
7
VCC
DUTY CYCLE
LIMIT
+
-
1.5V
-
+
2.5V
VFB
-
+
8V
8V
VIN OK
GAIN
MODULATOR
VCC
÷2
1.6k
Ω
1.6k
Ω
1.25V
25µA
-
+
DC ILIMIT


Similar Part No. - ML4801

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4801CP FAIRCHILD-ML4801CP Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4801CS FAIRCHILD-ML4801CS Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4801IP FAIRCHILD-ML4801IP Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4801IS FAIRCHILD-ML4801IS Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
More results

Similar Description - ML4801

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
Variable Feedforward PFC/PWM Controller Combo
ML4802 FAIRCHILD-ML4802 Datasheet
285Kb / 15P
PFC/PWM Controller Combo with Green Mode
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
Variable Feedforward PFC/PWM Controller Combo
ML4841 MICRO-LINEAR-ML4841 Datasheet
282Kb / 15P
Variable Feedforward PFC/PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
EPA/85 PFCPWM COMBO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com