Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4804IP Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4804IP
Description  Power Factor Correction and PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4804IP Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4804IP Datasheet HTML 1Page - Micro Linear Corporation ML4804IP Datasheet HTML 2Page - Micro Linear Corporation ML4804IP Datasheet HTML 3Page - Micro Linear Corporation ML4804IP Datasheet HTML 4Page - Micro Linear Corporation ML4804IP Datasheet HTML 5Page - Micro Linear Corporation ML4804IP Datasheet HTML 6Page - Micro Linear Corporation ML4804IP Datasheet HTML 7Page - Micro Linear Corporation ML4804IP Datasheet HTML 8Page - Micro Linear Corporation ML4804IP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ML4804
4
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRI-FAULT DETECT
Fault Detect HIGH
2.65
2.75
2.85
V
Time to Fault Detect HIGH
VFB = VFAULT DETECT LOW
24
ms
to VFB =OPEN; 470pF from VFB to GND
Fault Detect LOW
0.4
0.5
0.6
V
VCCOVP COMPARATOR
Threshold Voltage
TA = Operation Temp Range
16.4
V
Hysteresis
TA = Operation Temp Range
1.7
2.0
2.3
V
PFC ILIMIT COMPARATOR
Threshold Voltage
-0.9
-1.0
-1.1
V
(PFC ILIMIT VTH - Gain Modulator Output)
120
220
mV
Delay to Output
150
300
ns
DC ILIMIT COMPARATOR
Threshold Voltage
0.95
1.0
1.05
V
Input Bias Current
±0.3
±1
µA
Delay to Output
150
300
ns
VIN OK COMPARATOR
Threshold Voltage
2.35
2.45
2.55
V
Hysteresis
0.8
1.0
1.2
V
GAIN MODULATOR
Gain (Note 3)
IAC = 100µA, VRMS = VFB = 0V
0.60
0.80
1.05
IAC = 50µA, VRMS = 1.2V, VFB = 0V
1.8
2.0
2.40
IAC = 50µA, VRMS = 1.8V, VFB = 0V
0.85
1.0
1.25
IAC = 100µA, VRMS = 3.3V, VFB = 0V
0.20
0.30
0.40
Bandwidth
IAC = 100µA
10
MHz
Output Voltage
IAC = 350µA, VRMS = 1V,
0.60
0.75
0.9
V
VFB = 0V
OSCILLATOR
Initial Accuracy
TA = 25°C
71
76
81
kHz
Voltage Stability
11V < VCC < 16.5V
1
%
Temperature Stability
2%
Total Variation
Line, Temp
68
84
kHz
Ramp Valley to Peak Voltage
2.5
V
PFC Dead Time
170
250
330
ns
CT Discharge Current
VRAMP 2 = 0V, VRAMP 1 = 2.5V
3.5
5.5
7.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com