Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4804IP Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4804IP
Description  Power Factor Correction and PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4804IP Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4804IP Datasheet HTML 4Page - Micro Linear Corporation ML4804IP Datasheet HTML 5Page - Micro Linear Corporation ML4804IP Datasheet HTML 6Page - Micro Linear Corporation ML4804IP Datasheet HTML 7Page - Micro Linear Corporation ML4804IP Datasheet HTML 8Page - Micro Linear Corporation ML4804IP Datasheet HTML 9Page - Micro Linear Corporation ML4804IP Datasheet HTML 10Page - Micro Linear Corporation ML4804IP Datasheet HTML 11Page - Micro Linear Corporation ML4804IP Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ML4804
8
The output of the gain modulator is a current signal, in the
form of a full wave rectified sinusoid at twice the line
frequency. This current is applied to the virtual-ground
(negative) input of the current error amplifier. In this way
the gain modulator forms the reference for the current
error loop, and ultimately controls the instantaneous
current draw of the PFC from the power line. The general
form for the output of the gain modulator is:
I
IVEAO
V
V
GAINMOD
AC
RMS
=
×
×
2
1
(1)
More exactly, the output current of the gain modulator is
given by:
I
K VEAO
V I
GAINMOD
AC
=×
−
×
(.
)
0 625
where K is in units of V-1.
Note that the output current of the gain modulator is
limited to 500µA.
Current Error Amplifier
The current error amplifier’s output controls the PFC duty
cycle to keep the average current through the boost
inductor a linear function of the line voltage. At the
inverting input to the current error amplifier, the output
current of the gain modulator is summed with a current
which results from a negative voltage being impressed
upon the ISENSE pin. The negative voltage on ISENSE
represents the sum of all currents flowing in the PFC
circuit, and is typically derived from a current sense
resistor in series with the negative terminal of the input
bridge rectifier. In higher power applications, two current
transformers are sometimes used, one to monitor the ID of
the boost MOSFET(s) and one to monitor the IF of the
boost diode. As stated above, the inverting input of the
current error amplifier is a virtual ground. Given this fact,
and the arrangement of the duty cycle modulator
polarities internal to the PFC, an increase in positive
current from the gain modulator will cause the output
stage to increase its duty cycle until the voltage on
ISENSE is adequately negative to cancel this increased
current. Similarly, if the gain modulator’s output
decreases, the output duty cycle will decrease, to
achieve a less negative voltage on the ISENSE pin.
Cycle-By-Cycle Current Limiter
The ISENSE pin, as well as being a part of the current
feedback loop, is a direct input to the cycle-by-cycle
current limiter for the PFC section. Should the input
voltage at this pin ever be more negative than -1V, the
output of the PFC will be disabled until the protection
flip-flop is reset by the clock pulse at the start of the next
PFC power cycle.
TriFault DetectTM
To improve power supply reliability, reduce system
component count, and simplify compliance to UL 1950
safety standards, the ML4800 (ML4804) includes TriFault
Detect. This feature monitors VFB (Pin 15) for certain PFC
fault conditions.
In the case of a feedback path failure, the output of the
PFC could go out of safe operating limits. With such a
failure, VFB will go outside of its normal operating area.
Should VFB go too low, too high, or open, TriFault Detect
senses the error and terminates the PFC output drive.
TriFault detect is an entirely internal circuit. It requires no
external components to serve its protective function.
Figure 1. PFC Section Block Diagram
FUNCTIONAL DESCRIPTION (Continued)
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
PFC ILIMIT
2.5V
+
–
–
+
16
2
4
3
VEA
7
+
–
IEA
1
+
–
+
–
PFC OUT
12
S
R
Q
Q
S
R
Q
Q
2.75V
–1V
1.6k
Ω
1.6k
Ω
GAIN
MODULATOR
VCCOVP
TRI-FAULT
VCC
+
–
16.4V
0.5V
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com