Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4804IP Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4804IP
Description  Power Factor Correction and PWM Controller Combo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4804IP Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4804IP Datasheet HTML 1Page - Micro Linear Corporation ML4804IP Datasheet HTML 2Page - Micro Linear Corporation ML4804IP Datasheet HTML 3Page - Micro Linear Corporation ML4804IP Datasheet HTML 4Page - Micro Linear Corporation ML4804IP Datasheet HTML 5Page - Micro Linear Corporation ML4804IP Datasheet HTML 6Page - Micro Linear Corporation ML4804IP Datasheet HTML 7Page - Micro Linear Corporation ML4804IP Datasheet HTML 8Page - Micro Linear Corporation ML4804IP Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 1999
PRELIMINARY
ML4804
Power Factor Correction and PWM Controller Combo
1
GENERAL DESCRIPTION
The ML4804 is a controller for power factor corrected,
switched mode power supplies. Power Factor Correction
(PFC) allows the use of smaller, lower cost bulk
capacitors, reduces power line loading and stress on the
switching FETs, and results in a power supply that fully
complies with IEC1000-3-2 specification. Intended as a
BiCMOS enhancement of the industry-standard ML4824,
the ML4804 includes circuits for the implementation of
leading edge, average current, “boost” type power factor
correction and a trailing edge, pulse width modulator
(PWM). It also includes a TriFault Detect™ function to
help ensure that no unsafe conditions will result from
single component failure in the PFC. 1A gate-drive
outputs minimize the need for external driver circuits.
Low power requirements improve efficiency and reduce
component costs.
An over voltage comparator shuts down the PFC section
in the event of a sudden decrease in load. The PFC
section also includes peak current limiting and input
voltage brownout protection. The PWM section can be
operated in current or voltage mode, at up to 250kHz,
and includes an accurate 50% duty cycle limit to prevent
transformer saturation.
FEATURES
s
Internally synchronized leading-edge modulated PFC
and trailing-edge modulated PWM in one IC
s
TriFault DetectTM for UL1950 compliance and
enhanced safety
s
VCCOVP provides additonal PFC fault protection
s
Slew rate enhanced transconductance error amplifier
for ultra-fast PFC response
s
Low power: 200µA startup current, 5.5mA operating
current
s
Low total harmonic distortion, high PF
s
Reduces ripple current in the storage capacitor
between the PFC and PWM sections
s
Average current, continuous boost leading edge PFC
s
PWM configurable for current-mode or voltage mode
operation
s
Overvoltage and brown-out protection, UVLO, and soft
start
BLOCK DIAGRAM
15
VEAO
IEAO
VFB
IAC
VRMS
ISENSE
RAMP 1
OSCILLATOR
OVP
VCCOVP
TRI-FAULT
PFC ILIMIT
UVLO
VREF
PULSE WIDTH MODULATOR
POWER FACTOR CORRECTOR
2.5V
+
-
-
+
16
2
4
3
7.5V
REFERENCE
14
VCC
13
VCC
VEA
7
IEA
1
+
-
PFC OUT
12
S
R
Q
Q
S
R
Q
Q
2.75V
VCC
-1V
RAMP 2
8
PWM OUT
11
S
R
Q
Q
VDC
6
SS
5
DC ILIMIT
9
VCC
DUTY CYCLE
LIMIT
-
+
1.0V
-
+
2.45V
VFB
-
+
VREF
VIN OK
GAIN
MODULATOR
VCC
1.6k
Ω
1.6k
Ω
1.25V
25µA
-
+
DC ILIMIT
+
–
16.4V
0.5V
+
–
+
-
-
+
17V


Similar Part No. - ML4804IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4804IP FAIRCHILD-ML4804IP Datasheet
145Kb / 14P
Power Factor Correction and PWM Controller Combo
More results

Similar Description - ML4804IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
Power Factor Correction and PWM Controller Combo
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
Power Factor Correction and PWM Controller Combo
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
Power Factor and PWM Controller Combo
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
Power Factor Correction and PWM Controller Combo
logo
Linear Technology
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
Power Factor and PWM Controller
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com