Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4865CS-2 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4865CS-2
Description  High Voltage High Current Boost Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4865CS-2 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4865CS-2 Datasheet HTML 2Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 3Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 4Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ML4865
7
INDUCTOR SELECTION
The ML4865 is able to operate over a wide range of
inductor values. A value of 22µH or 33µH is a good
choice, but any value between 15µH and 50µH is
acceptable. As the inductor value is changed the control
circuitry will automatically adjust to keep the inductor
current under control. Choosing an inductance value of
less than 15µH will reduce the component’s footprint, but
the efficiency and maximum output current may drop.
It is important to use an inductor that is rated to handle
1.5A peak currents without saturating. Also look for an
inductor with low winding resistance. A good rule of
thumb is to allow 5 to 10m
W of resistance for each µH of
inductance.
The final selection of the inductor will be based on trade-
offs between size, cost and efficiency. Inductor tolerance,
core and copper loss will vary with the type of inductor
selected and should be evaluated with a ML4865 under
worst case conditions to determine its suitability.
Several manufacturers supply standard inductance values
in surface mount packages:
Coilcraft
(847) 639-6400
Coiltronics
(561) 241-7876
Dale
(605) 665-9301
Sumida
(847) 956-0666
OUTPUT CAPACITOR
The output capacitor filters the pulses of current from the
switching regulator. Since the switching frequency will
vary with inductance, the minimum output capacitance
required to reduce the output ripple to an acceptable
level will be a function of the inductor used. Therefore, to
maintain an output voltage with less than 100mV of ripple
(due to capacitance) at full load current, use the
following equation:
DESIGN CONSIDERATIONS (Continued)
ML4865
D1
MBR0520L
VOUT
C2
47µF
R1
1M
Ω
C1
47µF
VIN
22µH
(Sumida CD75)
SENSE
GND
VIN
VL1
VOUT
SHDN
VL2
PWR GND
Figure 7. Typical Application Circuit.
C
L
V
OUT
OUT
=
™
10
(F)
(2)
The output capacitor’s Equivalent Series Resistance (ESR)
and Equivalent Series Inductance (ESL), also contribute to
the ripple. Just after the NMOS transistor, Q1, turns off,
the current in the output capacitor ramps quickly to
between 0.5A and 1.5A. This fast change in current
through the capacitor’s ESL causes a high frequency (5ns)
spike to appear on the output. After the ESL spike settles,
the output still has a ripple component equal to the
inductor discharge current times the ESR. To minimize
these effects, choose an output capacitor with less than
10nH of ESL and 200m
W of ESR.
Suitable tantalum capacitors can be obtained from the
following vendors:
AVX
TPS Series
(207) 282-5111
Sprague
593D Series
(207) 324-4140
Kemet
T495 Series
(864) 963-6300
INPUT CAPACITOR
Due to the high input current drawn at startup and
possibly during operation, it is recommended to decouple
the input with a capacitor with a value of 22µF to 68µF.
This filtering prevents the input ripple from affecting the
ML4865 control circuitry, and also improves the
efficiency by reducing the I squared R losses during the
charge cycle of the inductor. Again, a low ESR capacitor
(such as tantalum) is recommended.
It is also recommended that low source impedance
batteries be used. Otherwise, the voltage drop across the
source impedance during high input current situations will
cause the ML4865 to fail to start-up or to operate
unreliably. In general, for two cell applications the source
impedance should be less than 200m
W, which means that
small alkaline cells should be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com