Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4865CS-2 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4865CS-2
Description  High Voltage High Current Boost Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4865CS-2 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4865CS-2 Datasheet HTML 2Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 3Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 4Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ML4865
8
SHUTDOWN
The SHDN pin is a high impedance input and is noise
sensitive. Either drive the SHDN input from a low
impedance source or bypass the pin to GND with a 10nF
ceramic capacitor.
SENSE
The SENSE pin should be left open or bypassed to ground
for normal operation. The output can be set to voltages
lower than the preset value by adding a resistor divider.
The output voltage can be determined from the following
equation:
V
RR2
R2
OUT =
´
+
242
1
.
(V)
(3)
where R1 and R2 are connected as shown in Figure 2. The
value of R2 should be 1M
W or less to minimize bias
current errors. Choose an appropriate value of R2 and
calculate the value of R1.
RR2
VOUT
1
242
1
=´
-


.
(
W)
(4)
EXTERNAL SCHOTTKY RECTIFIER
Due to excessive power dissipation, an external Schottky
rectifier is required when operating at input voltages
above 6V. Even for applications where the input voltage is
below 6V, the use of an external rectifier may be
necessary to achive efficiency or output current
requirements.
DESIGN CONSIDERATIONS (Continued)
If an external Schottky is required, look for a device with
a voltage rating of 20V or greater. The average forward
current rating should be at least 500mA, and the forward
voltage should be 600mV or less. Suitable Schottky
rectifiers can be obtained from the following vendors:
Diodes, Inc
B120
(805) 446-4800
Int’l Rectifier 10BQ040
(310) 322-3331
Motorola
MBR0520L
(602) 897-5056
LAYOUT
Good layout practices will ensure the proper operation of
the ML4865. Some layout guidelines follow:
• Use adequate ground and power traces or planes
• Keep components as close as possible to the ML4865
• Use short trace lengths from the inductor to the VL1 and
VL2 pins and from the output capacitor to the VOUT pin
• Use a single point ground for the ML4865 ground pin,
and the input and output capacitors
• Separate the ground for the converter circuitry from the
ground of the load circuitry and connect at a single
point
A sample layout is shown in Figure 8.
Figure 8. Sample ML4865 Layout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com