Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4865CS-2 Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4865CS-2
Description  High Voltage High Current Boost Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4865CS-2 Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4865CS-2 Datasheet HTML 2Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 3Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 4Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4865CS-2 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ML4865
9
DESIGN EXAMPLE
In order to design a boost converter using the ML4865,
it is necessary to define the values of a few parameters.
For this example, assume the following design
parameters:
VIN = 4.75 to 5.25V
VOUT = 12V
IOUT(MAX) = 150mA
Shutdown required
First, it must be determined whether the ML4865 is
capable of delivering the output current without an
external Schottky rectifier. This is done using Equation 1:
I
V
V
V
OUT MAX
IN
OUT
IN
()
..
.
@™
™
+
™
005
0 4
0 65
16
27
ImA
OUT MAX
()
.
..
.
.
@™
™
+
™
=
525
12
0 05 5 25
0 4
0 65 188
05
27
Next, select an inductor. As previously mentioned, the
recommended inductance is 22µH. Make sure that the
peak current rating of the inductor is at least 1.5A, and
that the DC resistance of the inductor is in the range of
110 to 220m
W. A Sumida CD75-220 meets these
requirements.
Finally, the value of the output capacitor is determined
using Equation 2:
C
L
V
H
V
F
OUT
OUT
=
™ = ™
=
10
10 22
12
18 3
m
m
.
The closest standard value would be a 22µF capacitor
with an ESR rating of 200m
W. An AVX
TPSD226M025R0200 would be a good choice.
As mentioned previously, the use of an input supply
bypass capacitor is highly recommended. Since the
output capacitance meets the minimum input
capacitance recommended it can also be used for the
input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com