Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4876 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4876
Description  LCD Backlight Lamp Driver with Contrast
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4876 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4876 Datasheet HTML 1Page - Micro Linear Corporation ML4876 Datasheet HTML 2Page - Micro Linear Corporation ML4876 Datasheet HTML 3Page - Micro Linear Corporation ML4876 Datasheet HTML 4Page - Micro Linear Corporation ML4876 Datasheet HTML 5Page - Micro Linear Corporation ML4876 Datasheet HTML 6Page - Micro Linear Corporation ML4876 Datasheet HTML 7Page - Micro Linear Corporation ML4876 Datasheet HTML 8Page - Micro Linear Corporation ML4876 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ML4876
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
1
FEA OUT
Output of flyback (contrast) error
amplifier
2
FEA–
Negative input of flyback
(contrast) error amplifier
3
FEA+
Positive input of flyback (contrast)
error amplifier
4
L ON
Logic input. A ”0“ on this pin
disables the lamp driver section
only
5
VREF
Voltage reference output
6
ON/OFF
Logic input. A ”0“ on this pin
disables the linear regulator
7
LEA–
Negative input for lamp error
amplifier
8
LEAOUT
Output of lamp error amplifier
9CT
Oscillator timing capacitor
10
L RTD
Input to resonant threshold detector
PIN
NAME
DESCRIPTION
11
B SYNC OUT
Output of MOSFET driver.
Connects to gate of synchronous
FET catch diode.
12
F GATE
Connects to gate of MOSFET in
primary side of contrast control
13
VDD
Output of linear regulator. Positive
power for IC.
14
L GATE1
Output of MOSFET driver.
Connection to gate of one side of
inverter FET drive pair
15
HVDD
Battery power input to linear
regulator
16
L GATE2
Output of MOSFET driver.
Connection to gate of one side of
inverter FET drive pair
17
GND
Ground
18
B ON
Connection to primary side of gate
pulse transformer
19
B OFF
Output of MOSFET driver.
Connection to gate of FET that
disables the input power.
20
F ILIM
Input to current limit comparator
F ILIM
B OFF
B ON
GND
L GATE2
HVDD
L GATE1
VDD
F GATE
B SYNC OUT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
FEA OUT
FEA–
FEA+
L ON
VREF
ON/OFF
LEA–
LEA OUT
CT
L RTD
TOP VIEW
ML4876
20-Pin SSOP (R20)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com