Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4876 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4876
Description  LCD Backlight Lamp Driver with Contrast
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4876 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4876 Datasheet HTML 1Page - Micro Linear Corporation ML4876 Datasheet HTML 2Page - Micro Linear Corporation ML4876 Datasheet HTML 3Page - Micro Linear Corporation ML4876 Datasheet HTML 4Page - Micro Linear Corporation ML4876 Datasheet HTML 5Page - Micro Linear Corporation ML4876 Datasheet HTML 6Page - Micro Linear Corporation ML4876 Datasheet HTML 7Page - Micro Linear Corporation ML4876 Datasheet HTML 8Page - Micro Linear Corporation ML4876 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
JULY 2000
ML4876*
LCD Backlight Lamp Driver with Contrast
1
GENERAL DESCRIPTION
The ML4876 is an ideal solution for driving small cold
cathode fluorescent tubes (CCFL) used in liquid crystal
display (LCD) backlight applications. It provides the
dimming ballast control and the contrast control for the
LCD display.
By utilizing differential drive the ML4876 can deliver the
same light output with significantly less input power
compared to existing single ended drive schemes.
Improvements as high as 30% can be realized when using
low power lamps and advanced LCD screen housings. This
increased light output is achieved because the differential
drive configuration is much less sensitive, and therefore
less power is wasted in the capacitive parasitics that exist
in the backlight housing. An additional benefit of this
configuration is an even distribution of light.
The ML4876 is optimized for portable applications where
high efficiency is critical to maximize battery life. The
high efficiency is achieved by a resonant scheme with
zero voltage switching.
BLOCK DIAGRAM
FEATURES
s
Backlight lamp driver with differential drive
s
Up to 30% lower power for same light output
s
Low standby current (< 10µA)
s
Improved efficiency (
»95%)
s
Allows all N-channel MOSFET drive
s
Low switching losses
s
Resonant threshold detection
s
Buck regulator uses synchronous rectification
LINEAR
REGULATOR
MASTER
BIAS
&
UVLO
VDD
VDD
GND
+
–
16V
B ON
B OFF
B SYNC OUT
DR3
DR1
DR1
ONE
SHOT
S
RQ
Q
NEG
EDGE
DELAY
Q
QR
S
Q
QR
S
+
–
0.1V
–
+
–
+
OSCILLATOR
CLK
RESONANT
THRESHOLD
DETECTOR
–
+
–
+
–
+
0.2V
0.5V
T
Q
Q
DR2
DR2
L RTD
L GATE 1
L GATE 2
LEA–
LEA OUT
CT
FEA OUT
FEA+
FEA–
F ILIM
F GATE
LON
VREF
ON/OFF
HVDD
1
9
8
7
16
14
10
3
2
20
12
4
5
6
15
13
17
18
19
11
FEATURING
Extended Commercial
Temperature
Range
-20˚C to 70˚C
for Portable
Handheld Equipment
* THIS PART IS END OF LIFE AS OF JULY 1, 2000


Similar Part No. - ML4876

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-3 MICRO-LINEAR-ML4870CS-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870CS-5 MICRO-LINEAR-ML4870CS-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-3 MICRO-LINEAR-ML4870ES-3 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4870ES-5 MICRO-LINEAR-ML4870ES-5 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
More results

Similar Description - ML4876

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753 Datasheet
103Kb / 16P
CCFL Backlight and LCD Contrast Controllers
Rev 1; 1/95
logo
Micro Linear Corporatio...
ML4877 MICRO-LINEAR-ML4877 Datasheet
289Kb / 11P
LCD Desktop Backlight Lamp Driver
logo
Interpion semiconductor
DIT8545 INTERPION-DIT8545 Datasheet
188Kb / 8P
Ceratrans Driver for LCD Backlight
logo
Advantech Co., Ltd.
DSD-7046 ADVANTECH-DSD-7046_14 Datasheet
820Kb / 2P
46" LCD with LED backlight
DSD-7055 ADVANTECH-DSD-7055_14 Datasheet
869Kb / 2P
55" LCD with LED backlight
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
CCFL Backlight and LCD Contrast Controllers
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com