Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4876 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4876
Description  LCD Backlight Lamp Driver with Contrast
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4876 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4876 Datasheet HTML 1Page - Micro Linear Corporation ML4876 Datasheet HTML 2Page - Micro Linear Corporation ML4876 Datasheet HTML 3Page - Micro Linear Corporation ML4876 Datasheet HTML 4Page - Micro Linear Corporation ML4876 Datasheet HTML 5Page - Micro Linear Corporation ML4876 Datasheet HTML 6Page - Micro Linear Corporation ML4876 Datasheet HTML 7Page - Micro Linear Corporation ML4876 Datasheet HTML 8Page - Micro Linear Corporation ML4876 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ML4876
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VDD = 5V ±5%, CT = 47pF, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT REGULATOR
Error Amplifier
Open Loop Gain
60
70
dB
Bias Point
Closed loop
0.18
0.2
0.22
V
Output High
ILOAD = 5µA
2.8
3.0
V
Output Low
ILOAD = 25µA
0.4
0.7
V
Bandwidth (–3dB)
1
MHz
Input Voltage Range
–0.3
0.2
VREF
V
Input Bias Current
50
100
nA
Current Limit Comparator
Current Threshold
450
500
550
mV
Input Bias Current
VLILIM = 0.1V
50
100
nA
Propagation Delay
(Note 2)
30
ns
Output Drivers
Output High - B SYNC OUT, B OFF
VDD = 5V, ILOAD = 12mA
4.625
4.8
V
Output Low - B SYNC OUT, B OFF
ILOAD = 12mA
0.2
0.375
V
Rise & Fall time - B SYNC OUT, B OFF
CLOAD = 100pF
20
50
ns
Output High - B ON
VDD = 5V, ILOAD = 12mA
4.625
4.8
V
Output Low - B ON
ILOAD = 50mA
0.2
0.375
V
Fall Time - B ON
CLOAD = 2400pF (Note 2)
45
80
ns
ONE SHOT Pulse Width
100
150
200
ns
DELAY TIMER Delay Time
20
35
55
ns
FLYBACK REGULATOR
Error Amplifier
Open Loop Gain
60
70
dB
Offset Voltage
–15
15
mV
Output High
ILOAD = 5µA
2.8
3.0
V
Output Low
ILOAD = 25µA
0.4
0.7
V
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Current (ICC) ............................................... 75mA
Output Current, Source or Sink ............................. 250mA
Voltage on HVDD ..................................................... 20V
Current into L RTD ............................................... ±10mA
Transient Voltage on B ON .......................................... 9V
Voltage on Any Other Pin ............... –0.3V to VDD +0.3V
Junction Temperature .............................................. 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering 10 sec.) ..................... 260°C
Thermal Resistance (qJA) Plastic SSOP ............... 100°C/W
OPERATING CONDITIONS
Temperature Range
ML4876C ................................................... 0°C to 70°C
ML4876E ............................................... –20°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com