Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4902CT Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4902CT
Description  High Current Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4902CT Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4902CT Datasheet HTML 1Page - Micro Linear Corporation ML4902CT Datasheet HTML 2Page - Micro Linear Corporation ML4902CT Datasheet HTML 3Page - Micro Linear Corporation ML4902CT Datasheet HTML 4Page - Micro Linear Corporation ML4902CT Datasheet HTML 5Page - Micro Linear Corporation ML4902CT Datasheet HTML 6Page - Micro Linear Corporation ML4902CT Datasheet HTML 7Page - Micro Linear Corporation ML4902CT Datasheet HTML 8Page - Micro Linear Corporation ML4902CT Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ML4902
5
FUNCTIONAL DESCRIPTION
The ML4902 PWM controller permits the construction of a
simple yet sophisticated power supply for Intel’s Pentium
Pro and Pentium II microprocessor families. The ML4902
and its associated circuitry can be built either as a
Voltage Regulator Module (VRM) or as a dedicated supply
on the motherboard. The ML4902 controls two N-channel
MOSFETs in a synchronous buck regulator topology to
convert a 5V input to the voltage required by the
microprocessor. The output voltage can be set between
1.8V and 3.5V, as selected by an onboard DAC. Other
features which facilitate the design of DC-DC converters
for any type of processor include a trimmed 1% reference,
special transient-response optimization in the feedback
paths, a shutdown input, input and output power good
monitors, and overcurrent protection.
OUTPUT VOLTAGE SELECTION
The inputs of the internal 2-chord 4-bit DAC come from
open collector signals provided by the processor. These
signals specify what supply voltage the microprocessor
requires. The output voltage of the buck converter is
compared directly with the DAC voltage to maintain
regulation. D3 is the MSB input and D0 is the LSB input
of the DAC, while RANGE selects the output voltage
range and the LSB voltage increment of the DAC. The
output of the DAC is between 2.121V to 3.535V in 100mV
steps when RANGE = 1, and between 1.818V to 2.071V in
50mV steps when RANGE = 0. The output voltage set by
the DAC is 1% above the processor’s nominal operating
voltage to counteract the effects of connector and PC
trace resistance, and of the instantaneous output voltage
droop which occurs when a transient load is applied. For
codes 00110 to 01111 and code 11111, the N DRV H and
N DRV L outputs are disabled.
VOLTAGE FEEDBACK LOOP
The ML4902 contains two control loops to improve the
load transient response. The output voltage is directly
monitored via the VFB pin and compared to the desired
output voltage set by the internal DAC. When the output
voltage is within +3% of the DAC voltage, the
proportional control loop (closed by the voltage error
amplifier) keeps the output voltage at the correct value. If
the output falls below the DAC voltage by more than 3%,
one side of the transient loop is activated, forcing the
output of the ML4902 to maximum duty cycle until the
output comes back within the +3% limit. If the output
voltage rises above the DAC voltage by more than 3%,
the other side of the transient loop is activated, and the
upper MOSFET drive is disabled until the output comes
back within the +3% limit. If the output voltage rises
above the DAC voltage by more than 10%, both N DRV
H and N DRV L will be disabled to turn the converter off.
During start-up, the transient loop is disabled until the
output voltage is within -3% of the DAC voltage.
POWER GOOD (PWR GOOD)
An open drain signal is provided by the ML4902 which
tells the microprocessor when the entire power system is
functioning within the expected limits. PWR GOOD will
be false (low) if either the 5V or 12V supply is not in
regulation, when the SHDN pin is pulled low, or when the
output is not within +10% of the nominal output voltage
selected by the internal DAC.
When PWR GOOD is false, the PWR GOOD voltage
window is held to +3%; when PWR GOOD is true (high),
the window is expanded to +10%. Using different
windows for coming into and going out of regulation
makes sure that PWR GOOD does not oscillate during the
start-up of the microprocessor.
INTERNAL REFERENCE
The ML4902 contains a 3.535V, temperature
compensated, precision band-gap reference. The VREF pin
is connected to the output of this reference, and should be
bypassed with a 100nF to 220nF ceramic capacitor for
proper operation.
OVERCURRENT PROTECTION
Overcurrent sensing for the ML4902 application circuit is
typically accomplished by monitoring the voltage drop
across the synchronous rectifier MOSFETs (Q3||Q4) during
their conduction period. Alternately, current can be
sensed using a low-value, low-inductance sense resistor
connected between the most negative end of the current
recirculating element and ground. In either case, the
resulting IR drop is presented to the ML4902’s internal
overcurrent comparator via the part’s ISENSE pin. The
overcurrent comparator has approximately 250ns of
leading-edge blanking. This blanking interval allows the
ML4902 to ignore spurious circuit voltages such as
inductive transients and the synchronous rectifier’s drain-
body diode voltage during the anti-shootthrough interval.
Following this blanking interval, the comparator will turn
on if the voltage on the ISENSE pin is more negative than
–97mV.
Each time the overcurrent comparator turns on, the
PROTECT pin of the ML4902 sources a small current
(30µA) into an external RC network. If this current source
is activated over a number of cycles, the voltage on the
PROTECT pin will charge above 3.5V, signaling a
sustained overcurrent or short circuit at the load. This will
cause the N DRV H output to turn off. N DRV H will
remain off until the capacitor attached to the PROTECT
pin has discharged down to 1.5V, at which time the
converter is re-enabled. If the fault causing the
overcurrent condition has not been cleared, the
overcurrent protection cycle will repeat, and the ML4902
circuit will operate in a “hiccup” mode to protect itself,
the input supply, and the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com