Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4902CT Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4902CT
Description  High Current Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4902CT Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4902CT Datasheet HTML 1Page - Micro Linear Corporation ML4902CT Datasheet HTML 2Page - Micro Linear Corporation ML4902CT Datasheet HTML 3Page - Micro Linear Corporation ML4902CT Datasheet HTML 4Page - Micro Linear Corporation ML4902CT Datasheet HTML 5Page - Micro Linear Corporation ML4902CT Datasheet HTML 6Page - Micro Linear Corporation ML4902CT Datasheet HTML 7Page - Micro Linear Corporation ML4902CT Datasheet HTML 8Page - Micro Linear Corporation ML4902CT Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 1998
ML4902
High Current Synchronous Buck Controller
1
GENERAL DESCRIPTION
The ML4902 high current synchronous buck controller
provides high efficiency DC/DC conversion to generate
VCCP for processors such as the Pentium® Pro and Pentium
II from Intel®.
The ML4902 controller, when combined with 2 N-channel
MOSFETs, generates output voltages between 1.8V and
3.5V from a 5V supply. The output voltage is selected via
an internal 2 chord 4-bit DAC. In the upper range, the
output can be set between 2.1V and 3.5V in 100mV steps.
In the lower range, the output can be set between 1.8V
and 2.05V in 50mV steps. Output currents in excess of
20A can be attained at efficiencies greater than 90%.
The ML4902 can be enabled/disabled via the SHDN pin.
While disabled, the output of the regulator is completely
isolated from the circuit’s input supply. The ML4902
employs fixed-frequency PWM control combined with a
sophisticated control loop enhancement circuit to provide
excellent load transient response.
FEATURES
s
Designed to meet Pentium Pro and Pentium II VRM
power supply requirements
s
DC regulation to +1% maximum
s
Proprietary circuitry provides transient response of ±5%
maximum over a 0A to 20A load range
s
Programmable output voltage (1.8V to 3.5V) is set by
an onboard 2 chord 4-bit DAC
s
Synchronous N-channel buck topology for maximum
power conversion efficiency
s
Fixed frequency operation for easier system integration
s
Integrated anti-shootthrough logic, short circuit
protection, shutdown, and UV lockout
BLOCK DIAGRAM
3.5V
REFERENCE
9
VREF
GND
N DRV H
N DRV L
ISENSE
PWR GOOD
19
UVLO
16
12
17
8
VDD
+
–
18
VCC
+
–
5
RANGE
VDAC
1
D0
2
D1
3
D2
4
D3
2 CHORD
4 BIT DAC
4.4V
10.5V
20
PROTECT
3.5V
5V
10
6
SHDN
+
–
+
–
+
–
VFB
VDAC + 3%
VDAC - 3%
+
–
+
–
VFB
VDAC - 3%
VDAC - 10%
VDAC + 3%
VDAC + 10%
VFB
11
PWR GND
15
CONTROL
LOGIC
+
–
–97mV
+
–
VDAC
+
–
COMP
13
200kHz
30µA


Similar Part No. - ML4902CT

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4900CS MICRO-LINEAR-ML4900CS Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4900CT MICRO-LINEAR-ML4900CT Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4901CS MICRO-LINEAR-ML4901CS Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
More results

Similar Description - ML4902CT

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035 Datasheet
899Kb / 44P
High-Speed Synchronous Buck Controller
2012
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
High-Speed Synchronous Buck Controller
11/29/12
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com