Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4902CT Datasheet(PDF) 12 Page - Micro Linear Corporation

Part # ML4902CT
Description  High Current Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4902CT Datasheet(HTML) 12 Page - Micro Linear Corporation

Back Button ML4902CT Datasheet HTML 4Page - Micro Linear Corporation ML4902CT Datasheet HTML 5Page - Micro Linear Corporation ML4902CT Datasheet HTML 6Page - Micro Linear Corporation ML4902CT Datasheet HTML 7Page - Micro Linear Corporation ML4902CT Datasheet HTML 8Page - Micro Linear Corporation ML4902CT Datasheet HTML 9Page - Micro Linear Corporation ML4902CT Datasheet HTML 10Page - Micro Linear Corporation ML4902CT Datasheet HTML 11Page - Micro Linear Corporation ML4902CT Datasheet HTML 12Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ML4902
12
© Micro Linear 1998.
is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners.
DS4902-01
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502;
5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897;
5,717,798; 5,742,151; 5,754,012; 5,757,174. Japan: 2,598,946; 2,619,299; 2,704,176. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability
arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits
contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits
infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult
with appropriate legal counsel before deciding on a particular application.
5/29/98 Printed in U.S.A.
PHYSICAL DIMENSIONS inches (millimeters)
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML4902CT
0°C to 70°C
20 Pin TSSOP (T20)
SEATING PLANE
0.169 - 0.177
(4.29 - 4.50)
0.246 - 0.258
(6.25 - 6.55)
0.251 - 0.262
(6.38 - 6.65)
0.008 - 0.012
(0.20 - 0.30)
0.026 BSC
(0.65 BSC)
0.020 - 0.028
(0.51 - 0.71)
0.043 MAX
(1.10 MAX)
0.002 - 0.006
(0.05 - 0.15)
0.033 - 0.037
(0.84 - 0.94)
0.004 - 0.008
(0.10 - 0.20)
0º - 8º
PIN 1 ID
20
1
Package: T20
20-Pin TSSOP
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com