Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6415CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML6415CS
Description  ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6415CS Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML6415CS Datasheet HTML 1Page - Micro Linear Corporation ML6415CS Datasheet HTML 2Page - Micro Linear Corporation ML6415CS Datasheet HTML 3Page - Micro Linear Corporation ML6415CS Datasheet HTML 4Page - Micro Linear Corporation ML6415CS Datasheet HTML 5Page - Micro Linear Corporation ML6415CS Datasheet HTML 6Page - Micro Linear Corporation ML6415CS Datasheet HTML 7Page - Micro Linear Corporation ML6415CS Datasheet HTML 8Page - Micro Linear Corporation ML6415CS Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
June, 2000
Datasheet
7
ML6415
Unless otherwise specified, VCC = 5.0V ±10%, All inputs AC coupled with 100nF, TA = Operating Temperature Range
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply Current
No Load
60
75
mA
VCC
Supply Range
4.5
5.0
5.5
V
AV
Low Frequency Gain (Y, C)
VIN = 100mVP-P at 400KHz
5.75
6.0
6.25
dB
AV
Low Frequency Gain (modulator)
VIN = 100mVP-P at 400KHz
6.1
6.7
7.3
dB
Low Frequency Gain (CV)
VIN = 100mVP-P at 400KHz
5.4
5.75
6.25
dB
C DC Output Level (During Sync)
Sync Present on Y
1.6
2.0
2.4
V
Y Sync Output Level
Sync Present on Y
0.75
1.0
1.25
V
Y+C Sync Output Level
Sync Present on Y
0.75
1.0
1.25
V
Notch Output Level
Sync Present on Y
0.65
1.0
1.35
V
tCLAMP
Clamp Response Time (Y Channel)
Settled to Within 10mV
5
ms
f1dB
–1.0dB Bandwidth (Flatness) (Y, C, and CV)
4.0
4.5
MHz
fC
–3dB Bandwidth (Flatness) (Y, C, and CV)
7.1
MHz
0.8fC
0.8 x fC Attenuation (Y, C)
1.5
dB
fSB
Stopband Rejection (Y, C, and CV)
fIN = 27MHz to 100MHz worst case
-37
–42
dB
Vi
Input Signal Dynamic Range (All Channels)
AC Coupled
1.4
VP-P
OS
Peak Overshoot (Y, C, and CV)
2VP-P Output Pulse (loaded)
4.3
%
ISC
Output Short Circuit Current (All Channels)
VOUT C, Y, CV, or notch to GND
(Note 1)
40
80
mA
CL
Output Shunt Capacitance Drive (All Channels)
All Outputs
35
pF
dG
Differential Gain
Y, C, and CV Outputs
0.4
%
dP
Differential Phase
Y, C, and CV Outputs
0.4
º
THD
Output Distortion (All Channels)
VOUT = 1.8VP-P,
0.8
%
Y/C Out at 3.58MHz
XTALK
Crosstalk
From C Input of 0.5VP-P
–55
dB
at 3.58MHz to Y Output
From Y Input of 0.4VP-P at 3.58MHz,
–58
dB
to C Output
PSRR
PSRR (All Channels)
0.5VP-P (100kHz) at VCC
–40
dB
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
DC Supply Voltage ....................................... –0.3V to 7V
Analog & Digital I/O..............GND – 0.3V to VCC + 0.3V
Output Current (Continuous)
CV Channel .........................................................60mA
C and Y Channels ................................................30mA
Junction Temperature ............................................. 150°C
Storage Temperature Range ......................–65°C to 150°C
Lead Temperature (Soldering, 10s).......................... 260°C
Thermal Resistance (
θJA) ....................................115°C/W
OPERATING CONDITIONS
Temperature Range ....................................... 0°C to 70°C
VCC Range................................................... 4.5V to 5.5V
ELECTRICAL CHARACTERISTICS
ELECTRICAL TABLES



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com