Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6415CS Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML6415CS
Description  ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6415CS Datasheet(HTML) 9 Page - Micro Linear Corporation

  ML6415CS Datasheet HTML 1Page - Micro Linear Corporation ML6415CS Datasheet HTML 2Page - Micro Linear Corporation ML6415CS Datasheet HTML 3Page - Micro Linear Corporation ML6415CS Datasheet HTML 4Page - Micro Linear Corporation ML6415CS Datasheet HTML 5Page - Micro Linear Corporation ML6415CS Datasheet HTML 6Page - Micro Linear Corporation ML6415CS Datasheet HTML 7Page - Micro Linear Corporation ML6415CS Datasheet HTML 8Page - Micro Linear Corporation ML6415CS Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
June, 2000
Datasheet
9
ML6415
DS6415-01
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML6415CS
0º to 70º
8 Pin SOIC (S08)
Micro Linear Corporation
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com
SEATING PLANE
0.14 - 0.15
(3.76 - 4.01)
PIN 1 ID
0.22 - 0.244
(5.79 - 6.20)
0.1 9 - 0.199
(4. 0 - 5.06)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.015 - 0.035
(0.3 - 0. 9)
0.059 - 0.069
(1.49 - 1.75)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
0.006 - 0.010
(0.15 - 0.26)
0º - º
1
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
Package S0
-Pin SOIC
ORDERING INFORMATION
PHYSICAL DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com