Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6415CS Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML6415CS
Description  ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6415CS Datasheet(HTML) 8 Page - Micro Linear Corporation

  ML6415CS Datasheet HTML 1Page - Micro Linear Corporation ML6415CS Datasheet HTML 2Page - Micro Linear Corporation ML6415CS Datasheet HTML 3Page - Micro Linear Corporation ML6415CS Datasheet HTML 4Page - Micro Linear Corporation ML6415CS Datasheet HTML 5Page - Micro Linear Corporation ML6415CS Datasheet HTML 6Page - Micro Linear Corporation ML6415CS Datasheet HTML 7Page - Micro Linear Corporation ML6415CS Datasheet HTML 8Page - Micro Linear Corporation ML6415CS Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Datasheet
June, 2000
8
ML6415
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tpd
Group Delay (Y, C, CV)
100kHz
70
ns
SNR
Y, C Channel
NTC-7 weighting 4.2 MHz lowpass
-75
dB
CV Channel
NTC-7 weighting 4.2 MHz lowpass
-69
dB
Mod Channel
NTC-7 weighting 4.2 MHz lowpass
-60
dB
∆tpd
Group Delay Deviation from Flatness
(Y, C, and CV)
to 3.58MHz (NTSC)
9
ns
tSKEW
Skew Between Y & C Outputs
at 1MHz
0
ns
Tpd
Group Delay RF Modulator Output
f = 3.58MHz (referenced to 3MHz)
-130
–170
-230
ns
dG
Differential Gain
Modulator Channel
1.5
%
dP
Differential Phase
Modulator Channel
1.0
º
pK
Gain Peaking (Note 2)
Modulator Channel at 2.0MHz
0.5
0.75
dB
MCF
Modulator Channel Flatness (Note 2)
at 3.75MHz
-0.5
+0.75
dB
AV
Notch Attenuation (Note 2)
From 4.37MHz to 4.63MHz
14
dB
PSRRmt
Supply Sensitivity Modulator
Channel Flatness
VCC=4.5V to 5.5V at 3.8MHz
0.12
dB/V
TCm
Modulator Channel Flatness
Temperature Sensitivity
VCC=5V 3.8MHz
-0.04
dB/ºC
Note 1:
Sustained short circuit protection limited to 10 seconds
Note 2:
Referenced to 300KHz
ELECTRICAL TABLES (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com