Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6428CS-4 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6428CS-4
Description  S-Video Filter and 75廓 Line Drivers with Summed Composite Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6428CS-4 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6428CS-4 Datasheet HTML 1Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 2Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 3Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 4Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 5Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 6Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 7Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 8Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ML6428
5
DATASHEET
June, 2000
ELECTRICAL TABLE (CONTINUED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
XTALK
Crosstalk
From C Input of 0.5VP-P
–55
dB
at 3.58MHz/4.43MHz, to Y Output
From Y Input of 0.4VP-P at 3.58MHz,
–58
dB
to C Output
PSRR
PSRR (All Channels)
0.5VP-P (100kHz) at VCC
–49
dB
tpd
Group Delay (All Channels)
100kHz
60
ns
Dtpd
Group Delay Deviation from Flatness
to 3.58MHz (NTSC)
4
ns
(All Channels)
to 4.43MHz (PAL) without peaking
7
ns
(see Figures 7 to 11)
to 10MHz
12
ns
tSKEW
Skew Between Y & C Outputs
1ns
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2: Sustained short circuit protection limited to 10 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com