Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6428CS-4 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML6428CS-4
Description  S-Video Filter and 75廓 Line Drivers with Summed Composite Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6428CS-4 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML6428CS-4 Datasheet HTML 3Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 4Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 5Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 6Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 7Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 8Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 9Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 10Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 11Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ML6428
10
DATASHEET
June, 2000
Figure 9. NTSC/PAL Video Frequency Response With and Without Peaking Capacitor
–0.5
0
0.5
1
1.5
2
2.5
FREQUENCY (MHz)
04
6
8
2
15
7
3
0.35dB
WITH
PEAKING
1.7dB
WITHOUT
PEAKING
330pF
270pF
220pF
0pF
Figure 11. Group Delay at 5.5MHz (PAL) With and Without Peaking Capacitor
Figure 10. Stopband Rejection at 27MHz With and Without Peaking Capacitor
0
10
20
30
40
50
FREQUENCY (MHz)
012
18
30
24
6
315
21
27
9
NTSC/PAL
–42dB
WITHOUT
PEAKING
NTSC/PAL
–38dB
WITH
PEAKING
330pF
270pF
220pF
0pF
FREQUENCY (MHz)
10
0
–10
–20
04
6
10
8
2
15
7
9
3
8ns
GROUP
DELAY
WITHOUT
PEAKING
13ns GROUP
DELAY
WITH 330pF
PEAKING
330pF
270pF
220pF
0pF
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com