Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6428CS-4 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML6428CS-4
Description  S-Video Filter and 75廓 Line Drivers with Summed Composite Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6428CS-4 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML6428CS-4 Datasheet HTML 3Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 4Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 5Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 6Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 7Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 8Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 9Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 10Page - Micro Linear Corporation ML6428CS-4 Datasheet HTML 11Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ML6428
11
DATASHEET
June, 2000
DS6428-02
PHYSICAL DIMENSIONS inches (millimeters)
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML6428CS-1
0°C to 70°C
8 Pin SOIC (S08)
ML6428CS-2
0°C to 70°C
8 Pin SOIC (S08)
ML6428CS-3
0°C to 70°C
8 Pin SOIC (S08)
ML6428CS-4
0°C to 70°C
8 Pin SOIC (S08)
Micro Linear Corporation
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com
SEATING PLANE
0.148 - 0.158
(3.76 - 4.01)
PIN 1 ID
0.228 - 0.244
(5.79 - 6.20)
0.189 - 0.199
(4.80 - 5.06)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.015 - 0.035
(0.38 - 0.89)
0.059 - 0.069
(1.49 - 1.75)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
8
0.006 - 0.010
(0.15 - 0.26)
0º - 8º
1
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
Package: S08
8-Pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com