Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6509 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6509
Description  Active SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6509 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6509 Datasheet HTML 1Page - Micro Linear Corporation ML6509 Datasheet HTML 2Page - Micro Linear Corporation ML6509 Datasheet HTML 3Page - Micro Linear Corporation ML6509 Datasheet HTML 4Page - Micro Linear Corporation ML6509 Datasheet HTML 5Page - Micro Linear Corporation ML6509 Datasheet HTML 6Page - Micro Linear Corporation ML6509 Datasheet HTML 7Page - Micro Linear Corporation ML6509 Datasheet HTML 8Page - Micro Linear Corporation ML6509 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ML6509
ABSOLUTE MAXIMUM RATINGS
Signal Line Voltage ............................. –0.3 to TERMPWR +0.3V
Regulator Output Current ................................... –100 to 300mA
TERMPWR Voltage ..................................................... –0.3 to 7V
Storage Temperature .......................................... –65°C to 150°C
Soldering Temperature ..................................... 260°C for 10 sec
Thermal Impedance (
qJA)
SOIC .......................................................................... 95°C/W
TSSOP ...................................................................... 110°C/W
OPERATING CONDITIONS
TERMPWR Voltage .................................................. 4V to 5.25V
Operating Temperature ........................................... 0°C to 70°C
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these specifications apply for 4V - TERMPWR - 5.25V, and TA = 0°C to 70°C (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
TERMPWR Supply Current
L1–L9 = open, DISCNKT = open
3.5
5
mA
L1–L9 = 0.2 V, DISCNKT = open
225
250
mA
DISCNKT = 0 (active)
70
100
µA
DISCNKT
Input Low Voltage
LPWR, DISCNKT
1.0
V
Input High Voltage
LPWR, DISCNKT
TERMPWR
V
–1.0
OUTPUT
Output High Voltage
Measuring each signal line while
2.8
2.85
2.9
V
other eight are high
Maximum Output Current
VOUT = 0.2V, Measuring each signal
20
24
mA
(Normal Mode)
line while the other eight are high
Maximum Output Current
VOUT = 0.2V, LPWR = 0, and
0.8
1
1.2
mA
(Lowpower Mode)
measuring each signal line while the
other eight are high
Output Clamp Level
IOUT = –30mA
–0.15
0
0.15
V
Current Sink Capability
VOUT = 3.2V (per line)
7
12
mA
Output Capacitance
L1 thru L9, DISCNKT = 0
4
5
pF
(ML Method)
2VP-P 100kHz square wave applied
biased at 1V D.C.
Output Capacitance
L1 thru L9, DISCNKT = 0
6
7
pF
(X3T9.2/855D method)
0.4VP-P, 1MHz square wave applied
biased at 0.5V D.C.
REGULATOR
Output Voltage
Sourcing 0–200mA
2.8
2.85
2.9
V
Sinking 0–50mA
2.8
2.85
2.95
V
Dropout Voltage
L1–L9 = 0.2V, VOUT = 2.85V
1.0
1.2
V
Short Circuit Current
Regulator output = 0V
100
mA
Regulator output = 5V
300
mA
Thermal Shutdown
170
°C
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com