Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6509 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6509
Description  Active SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6509 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6509 Datasheet HTML 1Page - Micro Linear Corporation ML6509 Datasheet HTML 2Page - Micro Linear Corporation ML6509 Datasheet HTML 3Page - Micro Linear Corporation ML6509 Datasheet HTML 4Page - Micro Linear Corporation ML6509 Datasheet HTML 5Page - Micro Linear Corporation ML6509 Datasheet HTML 6Page - Micro Linear Corporation ML6509 Datasheet HTML 7Page - Micro Linear Corporation ML6509 Datasheet HTML 8Page - Micro Linear Corporation ML6509 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 1997
ML6509*
Active SCSI Terminator
1
GENERAL DESCRIPTION
The ML6509 BiCMOS SCSI terminator provides active
termination in a SCSI system with single ended drivers and
receivers, in full compliance with the SCSI-1, SCSI-2 and
SCSI-3 recommendations. It provides a 2.85V reference
through an internal 1V dropout linear regulator. Active
SCSI termination helps the system designer to effectively
control analog transmission line effects like ringing, noise,
crosstalk, ground bounce, etc. In addition it provides
greater immunity to voltage drops on the TERMPWR line
of the SCSI bus. The desired V-I characteristics for signal
negation requires that the terminator source 0–24mA
while maintaining 2.85V and for signal assertion
preferably follow a linear slope of 110
W. The ML6509
attempts to provide a V-I characteristic optimized to
minimize the transmission line effects during both signal
assertion and negation, using a MOSFET based
architecture. The desired V-I characteristic is achieved by
trimming one resistor in the control block. It provides
negative clamping for signal assertion transients and
current sink capability, to handle active negation driver
overshoots above 2.85V, which is currently accomplished
with external components in SCSI subsystems today. It
provides a disconnect mode, where the terminator is
completely disconnected from the SCSI
bus and the output capacitance is < 5pF, typically.
FEATURES
s
Fully monolithic IC solution providing active
termination for 9 lines of the SCSI bus
s
Low dropout voltage (1V) linear regulator, trimmed for
accurate termination current, with 300mA current
source capability
s
Output capacitance typically <5pF
s
Disconnect mode — logic pin to disconnect terminator
from the SCSI bus, <100µA
s
Lowpower mode — for power conscious, portable
system & peripheral applications, using less than 6"
cables. (Equivalent to a 1mA current drive with a
2.5k
W termination)
s
Current sinking — can sink current >10mA per line to
handle active negation driver overshoots above 2.85V
s
Negative clamping on all lines to handle signal
assertion transients
s
Regulator can source 200mA and sink 50mA while
maintaining regulation
s
Current limit & thermal shutdown protection
s
Small and low profile package options; 16-pin SOIC
(300 mil), 20-pin TSSOP (1 mil height)
* Some Packages Are End Of Life As Of August 1, 2000
BLOCK DIAGRAM
NCLAMP = Negative Clamp
TERMPWR
LINEAR
REGULATOR
1V DROPOUT
2.85V
216mA
(MAX)
2.85V
DISCNKT
LPWR
CONTROL
BLOCK
VREF
RTRIM
MOSFETs WITH IMAX = 24mA
NORMAL MODE
NCLAMP
MOSFETs WITH IMAX = 1mA
LOW POWER MODE
9 TERMINATION LINES
. . .
. . .
. . .
NCLAMP
NCLAMP
GND
VREF


Similar Part No. - ML6509

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
ML65 Series DC-DC Converter
logo
Minilogic Device Corpor...
ML65 MINILOGIC-ML65 Datasheet
1Mb / 7P
DC-DC Converter
logo
Micro Linear Corporatio...
ML6510 MICRO-LINEAR-ML6510 Datasheet
603Kb / 18P
Series Programmable Adaptive Clock Manager (PACMan??
ML6510CQ-130 MICRO-LINEAR-ML6510CQ-130 Datasheet
603Kb / 18P
Series Programmable Adaptive Clock Manager (PACMan??
ML6510CQ-80 MICRO-LINEAR-ML6510CQ-80 Datasheet
603Kb / 18P
Series Programmable Adaptive Clock Manager (PACMan??
More results

Similar Description - ML6509

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Panasonic Semiconductor
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
SCSI active terminator IC
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
SCSI Active Terminator IC
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
SCSI Active Terminator
UC5602 TI-UC5602 Datasheet
361Kb / 6P
SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
SCSI active terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
SCSI-II Active Terminator
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
9-LINE SCSI ACTIVE TERMINATOR
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
SCSI Active Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com