Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6509 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6509
Description  Active SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6509 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6509 Datasheet HTML 1Page - Micro Linear Corporation ML6509 Datasheet HTML 2Page - Micro Linear Corporation ML6509 Datasheet HTML 3Page - Micro Linear Corporation ML6509 Datasheet HTML 4Page - Micro Linear Corporation ML6509 Datasheet HTML 5Page - Micro Linear Corporation ML6509 Datasheet HTML 6Page - Micro Linear Corporation ML6509 Datasheet HTML 7Page - Micro Linear Corporation ML6509 Datasheet HTML 8Page - Micro Linear Corporation ML6509 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ML6509
Thus in an 8-bit wide SCSI bus arrangement (“A” cable),
two ML6509s would be needed at each end of the SCSI
cable in order to terminate the 18 active signal lines.
16-bit wide SCSI would use three ML6509s, while 32-bit
wide SCSI bus would require five ML6509s.
In a typical SCSI subsystem, the open collector driver in
the SCSI transceiver, when asserted, pulls low and when
negated, the termination resistance serves as the pull-up.
Shown in figure 2 is a typical cable response to a pulse.
The receiving end of the cable will exhibit a single time
delay. When negated, the initial step will reach an
intermediate level defined as VSTEP. With the higher SCSI
data rates, sampling could occur during this step portion.
In order to get the most noise margin, the step needs to be
as high as possible to prevent false triggering. For this
reason the regulator voltage and the resistor defining the
MOSFETs characteristic is trimmed to ensure that the IO is
as close as possible to the SCSI max current specification.
VSTEP is defined as follows :
VV
I
Z
STEP
OL
O
O
=+
×
()
where
VOL is the Driver output low voltage,
IO is current from receiving terminator
ZO is characteristic impedance of cable.
Figure 3. V-1 Characteristics of Various
SCSI Termination Schemes
IDEAL
ML6509
BOULAY
220/330
285V
2.7V
2.5V
0.2V
TERMINATOR (SOURCE)
DRIVER (SINK)
20mA
40mA
24mA
48mA
V
I
Figure 2. Application Diagram Showing Typical SCSI Bus Configuration with the ML6509
TERMPWR LINE
ML6509
TERMPWR
VREF
GND
L9
L2 L1
DISCNKT
LPWR
0.1µF
10µF
TERMPWR
VREF
GND
L9
L1 L2
ML6509
SCSI XCVR
SCSI XCVR
SCSI XCVR
VREG
VSTEP
VREG
LINE
ASSERTED
LINE
NEGATED
10µF
0.1µF
10µF
. . .
. . .
VOL
SCSI CABLE
DISCNKT
LPWR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com