Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML65245CS Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML65245CS
Description  High Speed Octal Buffer Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65245CS Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML65245CS Datasheet HTML 1Page - Micro Linear Corporation ML65245CS Datasheet HTML 2Page - Micro Linear Corporation ML65245CS Datasheet HTML 3Page - Micro Linear Corporation ML65245CS Datasheet HTML 4Page - Micro Linear Corporation ML65245CS Datasheet HTML 5Page - Micro Linear Corporation ML65245CS Datasheet HTML 6Page - Micro Linear Corporation ML65245CS Datasheet HTML 7Page - Micro Linear Corporation ML65245CS Datasheet HTML 8Page - Micro Linear Corporation ML65245CS Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ML65245**/ML65L245*
FUNCTIONAL DESCRIPTION
The ML65245 and ML65L245 are very high speed non-
inverting transceivers with three-state outputs which are
ideally suited for bus-oriented applications. They provide
a low propagation delay by using an analog design
approach (a high speed unity gain buffer), as compared to
conventional digital approaches. The ML65245 and
ML65L245 follow the pinout and functionality of the
industry standard FCT245 series of transceivers and are
intended to replace them in designs where the
propagation delay is a critical part of the system design
considerations. The ML65245 and ML65L245 are capable
of driving load capacitances several times larger than their
input capacitance. They are configured so that signals
pass from Ai to Bi, or from Bi to Ai, depending on the state
of the T/R pin. All of the signal lines can be made high
impedance via the OE pin.
These unity gain analog buffers achieve low propagation
delays by having the output follow the input with a small
offset. The output rise and fall times will closely match
those of the input waveform. All inputs and outputs have
Schottky clamp diodes to handle undershoot or overshoot
noise suppression in unterminated applications. All
outputs have ground bounce suppression (typically
< 400mV), high drive output capability with almost
immediate response to the input signal, and low output
skew.
The IOL current drive capability of a buffer/line driver is
often interpreted as a measure of its ability to sink current
in a dynamic sense. This may be true for CMOS buffer/
line drivers, but it is not true for the ML65245 and
ML65L245. This is because the their sink and source
current capability depends on the voltage difference
between the output and the input. The ML65245 can sink
or source more than 100mA to a load when the load is
switching due to the fact that during the transition, the
difference between the input and output is large. IOL is
only significant as a DC specification, and is 25mA.
ARCHITECTURAL DESCRIPTION
Until now, buffer/line drivers have been implemented in
CMOS logic and made to be TTL compatible by sizing the
input devices appropriately. In order to buffer large
capacitances with CMOS logic, it is necessary to cascade
an even number of inverters, each successive inverter
larger than the preceding, eventually leading to an inverter
that will drive the required load capacitance at the
required frequency. Each inverter stage represents an
additional delay in the gating process because in order for
a single gate to switch, the input must slew more than half
of the supply voltage. The best of these CMOS buffers has
managed to drive a 50pF load capacitance with a delay of
3.2ns. Micro Linear has produced an octal transceiver
with a delay less than 1.7ns by using a unique circuit
architecture that does not require cascaded logic gates.
The ML65245 uses a feedback technique to produce an
output that follows the input. If the output voltage is not
close to the input, then the feedback circuitry will source
or sink enough current to the load capacitance to correct
the discrepancy.
Figure 5. One buffer cell of the ML65245
Q1
IN
OUT
Q2
Q7
R2
R6
R5
GND
R4
Q4
Q3
R1
R8
R3
Q5
Q6
R7
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com