Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML65245CS Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML65245CS
Description  High Speed Octal Buffer Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65245CS Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML65245CS Datasheet HTML 2Page - Micro Linear Corporation ML65245CS Datasheet HTML 3Page - Micro Linear Corporation ML65245CS Datasheet HTML 4Page - Micro Linear Corporation ML65245CS Datasheet HTML 5Page - Micro Linear Corporation ML65245CS Datasheet HTML 6Page - Micro Linear Corporation ML65245CS Datasheet HTML 7Page - Micro Linear Corporation ML65245CS Datasheet HTML 8Page - Micro Linear Corporation ML65245CS Datasheet HTML 9Page - Micro Linear Corporation ML65245CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
ML65245**/ML65L245*
In order to meet the 13ns cycle time, the SRAM and buffer
must meet a total access time of 12ns. With the ML65245,
the required SRAM access time is 10ns at 75MHz and
18ns at 50MHz. With the fastest FCT buffer available
(3.2ns), the SRAM access time required in the above
scenarios would be 8ns and 15ns respectively. This access
time difference could mean the difference between using
expensive BiCMOS SRAMs versus less expensive CMOS
SRAMs.
APPLICATION 2
BUFFERING CACHE MEMORY
With the advent of higher power operating systems like
Windows NT, NeXT Step, Windows, OS/2 Warp, etc.,
RISC processor designs such as the Mips R4000 series are
gaining momentum. In these systems the interface to
secondary cache has a critical path in the address and bus
control pins. As shown in Figure 8, any propagation delay
time saved in the buffer translates to a slower SRAM
access requirement and is therefore less expensive.
Currently, the secondary cache bus operates at 75MHz.
Figure 8. ML65245 in a R4X00 secondary cache application. The address and control signal path is critical and
loads the R4X00 output pins. The ML65245 buffer alleviates the load on the R4X00 and because it is fast,
slower, less expensive SRAMs can be used.
Figure 9. Timing waveform showing address buffer switching rate (tA + tH) in a secondary cache module.
ADDR
WE
DATA
ADDR1
tA
tH
R4X00
150/75 MHz
SRAM
10ns
ML65245
DATA BUS
ADDR
OE
CS
SRAM
10ns
SECONDARY CACHE MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com