Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML65245CS Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML65245CS
Description  High Speed Octal Buffer Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65245CS Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML65245CS Datasheet HTML 2Page - Micro Linear Corporation ML65245CS Datasheet HTML 3Page - Micro Linear Corporation ML65245CS Datasheet HTML 4Page - Micro Linear Corporation ML65245CS Datasheet HTML 5Page - Micro Linear Corporation ML65245CS Datasheet HTML 6Page - Micro Linear Corporation ML65245CS Datasheet HTML 7Page - Micro Linear Corporation ML65245CS Datasheet HTML 8Page - Micro Linear Corporation ML65245CS Datasheet HTML 9Page - Micro Linear Corporation ML65245CS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ML65245**/ML65L245*
Figure 7. The ML65245 in a non-cache, main memory RISC application. The main memory could be DRAM or
Cache DRAM. The ML65245 can be used as a data I/O transceiver as well as an address buffer, as shown above.
66 MHz
Pentium™ Processor
CACHE
(SRAM)
ML65245 BUFFER
CONTROL
ADDRESS
PCMC
LATCH
CONTROL
ADDRESS/DATA
WE
MAddr
LBX
BMAddr
BWE
DATA
LBX CNTL
PCI™ BUS (33 MHz)
MAIN MEMORY
(DRAM)
CNTL
DATA
LOCAL BUS
R4X00™
150/75 MHz
CDRAM
or
DRAM
CDRAM
or
DRAM
MEMORY I/O
CONTROLLER
ML65245
CONTROL
ADDR
CONTROL
ADDRESS/DATA
ML65245
ML65245
Figure 6. ML65245 in a main memory application for a Pentium based system. The high drive and low propagation
delay are essential to buffer the write enable and memory addresses to the main memory SIIMMs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com