Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10341 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S10341
Description  Low bias operation, for 800 nm band
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10341 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S10341_15 Datasheet HTML 1Page - Hamamatsu Corporation S10341_15 Datasheet HTML 2Page - Hamamatsu Corporation S10341_15 Datasheet HTML 3Page - Hamamatsu Corporation S10341_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si APD
S10341 series
3
Terminal capacitance vs. reverse voltage
Excess noise factor vs. gain
Reverse voltage (V)
0
50
100
150
0.1
100
(Typ. Ta=25 °C, f=1 MHz)
1
10
S10341-05
S10341-02
Gain
11
0
1
10
(Typ. Ta=25 °C, f=10 kHz, B=1Hz)
100
M0.5
λ=650 nm
M0.3
λ=800 nm
M0.2
KAPDB0193EB
KAPDB0022EB
· After unpacking, store this device in an environment at a
temperature of 30 °C and a humidity below 60%, and perform
reflow soldering on this device within 24 hours.
· Thermal stress applied to the device during reflow soldering
differs depending on the PC boards and reflow oven being
used.
· When setting the reflow conditions, make sure that the reflow
soldering process does not degrade device reliability.
Recommended solder reflow condition
Time (s)
0
50
100
150
200
250
0
50
100
300
250
200
150
Peak temperature 235°C max.
KAPDB0194EA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com